Electronic Components Datasheet Search
  English  ▼

X  

SC560E Datasheet(PDF) 5 Page - Semtech Corporation

Part # SC560E
Description  Dual Output Low Noise LDO Linear Regulator
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SC560E Datasheet(HTML) 5 Page - Semtech Corporation

  SC560E Datasheet HTML 1Page - Semtech Corporation SC560E Datasheet HTML 2Page - Semtech Corporation SC560E Datasheet HTML 3Page - Semtech Corporation SC560E Datasheet HTML 4Page - Semtech Corporation SC560E Datasheet HTML 5Page - Semtech Corporation SC560E Datasheet HTML 6Page - Semtech Corporation SC560E Datasheet HTML 7Page - Semtech Corporation SC560E Datasheet HTML 8Page - Semtech Corporation SC560E Datasheet HTML 9Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 18 page
background image
SC560
5
Typical Characteristics
Load Regulation — LDOA
0
1
2
3
4
5
6
0
50
100
150
200
250
Output Current (mA)
V OUTA = 3 .3 V , V IN = 3 .6 V
T A= 85 °C
T A= 25 °C
T A= -40 °C
Line Regulation — LDOA
-0 .5
0
0 .5
1
1 .5
2
3 .3
3 .5
3 .7
3 .9
4 .1
4 .3
4 .5
4 .7
4 .9
5 .1
5 .3
5 .5
Input Voltage (V)
V OUTA = 3.3V , IOUTA = 1mA
T A= 85 °C
T A= 25 °C
T A= -40 °C
Line Regulation — LDOB
-0 .5
0
0 .5
1
1 .5
2
2 .5
3
2 .9
3 .1
3 .3
3 .5
3 .7
3 .9
4 .1
4 .3
4 .5
4 .7
4 .9
5 .1
5 .3
5 .5
Input Voltage (V)
V OUTB = 2 .8 V , IOUTB = 1 mA
T A= 25°C
T A= -40 °C
T A= 85°C
Dropout Voltage LDOB
0
50
100
150
200
250
300
350
400
2 .5
2 .55
2 .6
2 .65
2 .7
2 .75
2 .8
2 .85
2 .9
2 .95
3
3 .05
3 .1
Input Voltage (V)
V OUTB = 2.8 V , IOUTB = 200 mA
T A= 85 °C
T A= 25 °C
T A= -40 °C
Dropout Voltage LDOA
0
50
100
150
200
250
300
2 .95
3
3 .05
3 .1
3 .15
3 .2
3 .25
3 .3
3 .35
3 .4
3 .45
3 .5
3 .55
3 .6
Input Voltage (V)
V OUTA = 3 .3 V , IOUTA = 200 mA
T A= 85 °C
T A= -40 °C
T A= 25 °C
Load Regulation — LDOB
0
1
2
3
4
5
6
7
8
0
50
100
150
200
250
Output Current (mA)
V OUTB = 2 .8 V , V IN = 3 .6 V
T A= 85 °C
T A= 25 °C
T A= -40 °C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com