Electronic Components Datasheet Search
  English  ▼

X  

SC560E Datasheet(PDF) 7 Page - Semtech Corporation

Part # SC560E
Description  Dual Output Low Noise LDO Linear Regulator
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SC560E Datasheet(HTML) 7 Page - Semtech Corporation

Back Button SC560E Datasheet HTML 3Page - Semtech Corporation SC560E Datasheet HTML 4Page - Semtech Corporation SC560E Datasheet HTML 5Page - Semtech Corporation SC560E Datasheet HTML 6Page - Semtech Corporation SC560E Datasheet HTML 7Page - Semtech Corporation SC560E Datasheet HTML 8Page - Semtech Corporation SC560E Datasheet HTML 9Page - Semtech Corporation SC560E Datasheet HTML 10Page - Semtech Corporation SC560E Datasheet HTML 11Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 18 page
background image
SC560
7
Pin Con gurations and Descriptions
Pin #
Pin
Name
Pin Function
SC560A
SC560B
SC560C
SC560
Fixed Output
1
1
1
1
OUTB
Output for LDOB
2
2
2
2
VIN
Input supply voltage terminal
3
3
3
3
OUTA
Output for LDOA
4
4
4
FBA
Feedback sense pin for LDOA — Connect this pin to an
external resistor divider to set V
OUTA
5
5
5
5
GND
Analog and digital ground
6
6
6
6
EN
Logic input — active HIGH enables both LDOs for the SC560A and
SC560C, or LDOA for all other variants. EN must be active in the
SC560B and the xed output variants before ENB can be activated.
7
7
BYP
LDO bypass output — Bypass with a 22nF capacitor
7
4
ENB
Logic input — active HIGH enables LDOB for SC560B and the xed
voltage variants.
7
8
PGOOD
Power Good output — monitors the level of LDOA, switches low
when the output drops out of regulation (PGOOD is open drain).
8
8
8
FBB
Feedback sense pin for LDOB — Connect this pin to an external
resistor divider to set V
OUTB
Typical Characteristics (continued)
SC560A Noise Spectrum
1
10
100
1000
10000
0 .01
0 .1
1
10
100
1000
Frequency (kHz)
V
IN = 5V, FB = 10kΩ//0.1μF+5kΩ, by pass=22nF, COUT=1μF
SC560A PSRR vs. Frequency (Both LDOs)
0
10
20
30
40
50
60
70
80
90
0 .1
1
10
100
1000
10000
Frequency (kHz)
V
IN = 5V, FB = 10kΩ//0.1μF+5kΩ, Load=10mA, by pass=22nF, COUT=10μF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com