Electronic Components Datasheet Search
  English  ▼

X  

TSL25721 Datasheet(PDF) 10 Page - List of Unclassifed Manufacturers

Part # TSL25721
Description  LIGHT-TO-DIGITAL CONVERTER
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

TSL25721 Datasheet(HTML) 10 Page - List of Unclassifed Manufacturers

Back Button TSL25721 Datasheet HTML 6Page - List of Unclassifed Manufacturers TSL25721 Datasheet HTML 7Page - List of Unclassifed Manufacturers TSL25721 Datasheet HTML 8Page - List of Unclassifed Manufacturers TSL25721 Datasheet HTML 9Page - List of Unclassifed Manufacturers TSL25721 Datasheet HTML 10Page - List of Unclassifed Manufacturers TSL25721 Datasheet HTML 11Page - List of Unclassifed Manufacturers TSL25721 Datasheet HTML 12Page - List of Unclassifed Manufacturers TSL25721 Datasheet HTML 13Page - List of Unclassifed Manufacturers TSL25721 Datasheet HTML 14Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 24 page
background image
TSL2572
LIGHT-TO-DIGITAL CONVERTER
TAOS132 − MARCH 2012
10
r
r
Copyright
E 2012, TAOS Inc.
The LUMENOLOGY
r Company
www.taosinc.com
System State Machine Timing
The system state machine shown in Figure 6 provides an overview of the states and state transitions that
provide system control of the device. This section highlights the programmable features, which affect the state
machine cycle time, and provides details to determine system level timing.
When the power management feature is enabled (WEN), the state machine will transition in turn to the Wait
state. The wait time is determined by WLONG, which extends normal operation by 12
× when asserted, and
WTIME. The formula to determine the wait time is given in the box associated with the Wait state in Figure 9.
When the ALS feature is enabled (AEN), the state machine will transition through the ALS Init and ALS ADC
states. The ALS Init state takes 2.73 ms, while the ALS ADC time is dependent on the integration time (ATIME).
The formula to determine ALS ADC time is given in the associated box in Figure 9. If an interrupt is generated
as a result of the ALS cycle, it will be asserted at the end of the ALS ADC state and transition to the Sleep state
if SAI is enabled.
Wait
Sleep
Idle
WTIME: 1 ~ 256 steps
WLONG = 0
WLONG = 1
Time:
2.73 ms/step
32.8 ms/step
Range:
2.73 ms ~ 699 ms
32.8 ms ~ 8.39s
Time: 2.73 ms
ATIME: 1 ~ 256 steps
Time: 2.73 ms/step
Range: 2.73 ms ~ 699 ms
INT & SAI
!PON
I2C Start
Note: PON, WEN, AEN, and SAI are fields in the Enable register (0x00).
ALS
Init
WEN
& AEN
ALS
ADC
!WEN
& AEN
Figure 9. Detailed State Diagram



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com