Electronic Components Datasheet Search
  English  ▼

X  

TSL25721 Datasheet(PDF) 3 Page - List of Unclassifed Manufacturers

Part # TSL25721
Description  LIGHT-TO-DIGITAL CONVERTER
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

TSL25721 Datasheet(HTML) 3 Page - List of Unclassifed Manufacturers

  TSL25721 Datasheet HTML 1Page - List of Unclassifed Manufacturers TSL25721 Datasheet HTML 2Page - List of Unclassifed Manufacturers TSL25721 Datasheet HTML 3Page - List of Unclassifed Manufacturers TSL25721 Datasheet HTML 4Page - List of Unclassifed Manufacturers TSL25721 Datasheet HTML 5Page - List of Unclassifed Manufacturers TSL25721 Datasheet HTML 6Page - List of Unclassifed Manufacturers TSL25721 Datasheet HTML 7Page - List of Unclassifed Manufacturers TSL25721 Datasheet HTML 8Page - List of Unclassifed Manufacturers TSL25721 Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 24 page
background image
TSL2572
LIGHT-TO-DIGITAL CONVERTER
TAOS132 − MARCH 2012
3
The LUMENOLOGY
r Company
r
r
Copyright
E 2012, TAOS Inc.
www.taosinc.com
Terminal Functions
TERMINAL
TYPE
DESCRIPTION
NAME
NO.
TYPE
DESCRIPTION
GND
3
Power supply ground. All voltages are referenced to GND.
INT
5
O
Interrupt — open drain (active low).
NC
4
Do not connect.
SCL
2
I
I2C serial clock input terminal — clock signal for I2C serial data.
SDA
6
I/O
I2C serial data I/O terminal — serial data I/O for I2C .
VDD
1
Supply voltage.
Available Options
DEVICE
ADDRESS
PACKAGE − LEADS
INTERFACE DESCRIPTION
ORDERING NUMBER
TSL25721
0x39
FN−6
I2C Vbus = VDD Interface
TSL25721FN
TSL25723
0x39
FN−6
I2C Vbus = 1.8 V Interface
TSL25723FN
TSL25725†
0x29
FN−6
I2C Vbus = VDD Interface
TSL25725FN
TSL25727†
0x29
FN−6
I2C Vbus = 1.8 V Interface
TSL25727FN
† Contact TAOS for availability.
Absolute Maximum Ratings over operating free-air temperature range (unless otherwise noted)†
Supply voltage, VDD (Note 1)
3.8 V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Input terminal voltage
−0.5 V to 3.8 V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Output terminal voltage
−0.5 V to 3.8 V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Output terminal current
−1 mA to 20 mA
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Storage temperature range, Tstg
−40
°C to 85°C
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
ESD tolerance, human body model
2000 V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
† Stresses beyond those listed under “absolute maximum ratings” may cause permanent damage to the device. These are stress ratings only, and
functional operation of the device at these or any other conditions beyond those indicated under “recommended operating conditions” is not
implied. Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability.
NOTE 1: All voltages are with respect to GND.
Recommended Operating Conditions
MIN
NOM
MAX
UNIT
Supply voltage, VDD (TSL25721 & TSL25725) (I2C Vbus = VDD)
2.4
3
3.6
V
Supply voltage, VDD (TSL25723 & TSL25727) (I2C Vbus = 1.8 V)
2.7
3
3.6
V
Operating free-air temperature, TA
−30
70
°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com