Electronic Components Datasheet Search
  English  ▼

X  

K3324 Datasheet(PDF) 3 Page - NEC

Part # K3324
Description  SWITCHING N-CHANNEL POWER MOS FET INDUSTRIAL USE
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

K3324 Datasheet(HTML) 3 Page - NEC

  K3324 Datasheet HTML 1Page - NEC K3324 Datasheet HTML 2Page - NEC K3324 Datasheet HTML 3Page - NEC K3324 Datasheet HTML 4Page - NEC K3324 Datasheet HTML 5Page - NEC K3324 Datasheet HTML 6Page - NEC K3324 Datasheet HTML 7Page - NEC K3324 Datasheet HTML 8Page - NEC  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
Data Sheet D14203EJ2V0DS00
3
2SK3324
TYPICAL CHARACTERISTICS (TA = 25 °C)
DERATING FACTOR OF FORWARD BIAS
SAFE OPERATING AREA
TC - Case Temperature -
°C
0
20
40
60
80
100
120
140
160
20
40
60
80
100
TOTAL POWER DISSIPATION vs.
CASE TEMPERATURE
TC - Case Temperature -
°C
0
20
40
60
80
100
120
140
160
140
120
100
80
60
40
20
FORWARD BIAS SAFE OPERATING AREA
VDS - Drain to Source Voltage - V
1
0.1
10
100
1
10
1000
100
TC = 25˚C
Single Pulse
R
DS(on)
Limited
P
W =100
µ
s
1 ms
10
ms
Po
w
er
Dissipation
Limited
ID(pulse)
DRAIN CURRENT vs.
DRAIN TO SOURCE VOLTAGE
VDS - Drain to Source Voltage - V
0
8
12
16
20
8
10
4
Pulsed
VGS = 10 V
6
4
2
FORWARD TRANSFER CHARACTERISTICS
VGS - Gate to Source Voltage - V
0.1
0.01
1
10
100
010
15
5
Pulsed
TA = 125˚C
75˚C
25˚C
−25˚C



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com