Electronic Components Datasheet Search
  English  ▼

X  

K3324 Datasheet(PDF) 2 Page - NEC

Part # K3324
Description  SWITCHING N-CHANNEL POWER MOS FET INDUSTRIAL USE
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

K3324 Datasheet(HTML) 2 Page - NEC

  K3324 Datasheet HTML 1Page - NEC K3324 Datasheet HTML 2Page - NEC K3324 Datasheet HTML 3Page - NEC K3324 Datasheet HTML 4Page - NEC K3324 Datasheet HTML 5Page - NEC K3324 Datasheet HTML 6Page - NEC K3324 Datasheet HTML 7Page - NEC K3324 Datasheet HTML 8Page - NEC  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
Data Sheet D14203EJ2V0DS00
2
2SK3324
ELECTRICAL CHARACTERISTICS (TA = 25 °C)
CHARACTERISTICS
SYMBOL
MIN.
TYP.
MAX.
UNIT
TEST CONDITIONS
Drain Leakage Current
IDSS
100
µAVDS = 900 V, VGS = 0 V
Gate to Source Leakage Current
IGSS
±100
nA
VGS = ±30 V, VDS = 0 V
Gate to Source Cut-off Voltage
VGS(off)
2.5
3.5
V
VDS = 10 V, ID = 1.0 mA
Forward Transfer Admittance
| yfs |
2.5
3.3
S
VDS = 20 V, ID = 3.0 A
Drain to Source On-state Resistance
RDS(on)
2.5
2.8
Ω
VGS = 10 V, ID = 3.0 A
Input Capacitance
Ciss
1000
pF
Output Capacitance
Coss
200
pF
Reverse Transfer Capacitance
Crss
42
pF
VDS = 10 V,
VGS = 0 V,
f = 1 MHz
Turn-on Delay Time
td(on)
17
ns
Rise Time
tr
38
ns
Turn-off Delay Time
td(off)
57
ns
Fall Time
tf
33
ns
VDD = 150 V,
ID = 3.0 A,
VGS(on) = 10 V,
RG = 10
Ω, RL = 10 Ω
Total Gate Charge
QG
32
nC
Gate to Source Charge
QGS
5nC
Gate to Drain Charge
QGD
20
nC
VDD = 450 V,
VGS = 10 V,
ID = 6.0 A
Body Diode Forward Voltage
VF(S-D)
0.9
V
IF = 6.0 A, VGS = 0 V
Reverse Recovery Time
trr
1.9
µs
Reverse Recovery Charge
Qrr
9.0
µC
IF = 6.0 A, VGS = 0 V,
di/dt = 50 A/
µs
TEST CIRCUIT 1 AVALANCHE CAPABILITY
RG = 25
Ω
50
Ω
PG
L
VDD
VGS = 20
→ 0 V
BVDSS
IAS
ID
VDS
Starting Tch
VDD
D.U.T.
TEST CIRCUIT 3 GATE CHARGE
TEST CIRCUIT 2 SWITCHING TIME
PG.
RG
0
VGS
D.U.T.
RL
VDD
τ = 1 s
µ
Duty Cycle
≤ 1 %
VGS
Wave Form
ID
Wave Form
VGS
10 %
90 %
VGS(on)
10 %
0
ID
90 %
90 %
td(on)
tr td(off)
tf
10 %
τ
ID
0
ton
toff
PG.
50
Ω
D.U.T.
RL
VDD
IG = 2 mA
•
•
•
•
•
•
•
•



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com