Electronic Components Datasheet Search
  English  ▼

X  

L6370Q Datasheet(PDF) 1 Page - STMicroelectronics

Part # L6370Q
Description  2.5 A single high-side smart power switch
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L6370Q Datasheet(HTML) 1 Page - STMicroelectronics

  L6370Q Datasheet HTML 1Page - STMicroelectronics L6370Q Datasheet HTML 2Page - STMicroelectronics L6370Q Datasheet HTML 3Page - STMicroelectronics L6370Q Datasheet HTML 4Page - STMicroelectronics L6370Q Datasheet HTML 5Page - STMicroelectronics L6370Q Datasheet HTML 6Page - STMicroelectronics L6370Q Datasheet HTML 7Page - STMicroelectronics L6370Q Datasheet HTML 8Page - STMicroelectronics L6370Q Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 17 page
background image
This is information on a product in full production.
January 2014
DocID022313 Rev 2
1/17
L6370Q
2.5 A single high-side smart power switch
Datasheet
- production data
Features
• 9.5 V to 35 V supply voltage range
• Internal current limit
• Thermal shutdown
• Open ground protection
• Internal negative voltage clamping for fast
demagnetization (Vs - 50 V)
• Differential inputs with large common mode
range and threshold hysteresis
• Undervoltage lockout with hysteresis
• Open load detection
• Two diagnostic outputs
• Output status LED driver
• Non-dissipative short-circuit protection
• Surge and transient protection (IEC61000-4-5)
• Burst transient immunity (IEC61000-4-4)
• ESD protection (human body model ±2 kV)
Applications
• Programmable logic controller
• Industrial PC peripheral input/output
• Numerical control machines
• Drivers for all loads (resistive, capacitive,
inductive load)
Description
The L6370Q is a monolithic intelligent power
switch in BCDmultipower technology to drive
inductive or resistive loads. An internal clamping
diode enables the fast demagnetization of
inductive loads. Diagnostic for CPU feedback and
extensive use of electrical protections make this
device extremely rugged and especially suitable
for industrial automation applications.
Type
Vdemag
RDS(on)
Iout
Vs
L6370Q
Vs - 50 V
0.1 Ω
2.5 A
50 V
VFQFPN48
(7 x 7 mm)
Table 1. Device summary
Part number
Package
Packaging
L6370Q
VFQFPN 7x7x1 48L
Tube
L6370QTR
Tape and reel
www.st.com


Similar Part No. - L6370Q

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
L6370Q STMICROELECTRONICS-L6370Q Datasheet
270Kb / 16P
2.5 A single high-side smart power switch
04-Oct-2011
More results

Similar Description - L6370Q

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
BSP752T INFINEON-BSP752T_07 Datasheet
240Kb / 17P
Smart High-Side Power Switch
V1.1, 2007-05-29
BTS452T INFINEON-BTS452T_07 Datasheet
282Kb / 18P
Smart Power High-Side-Switch
V1.1, 2007-05-29
BTS716G INFINEON-BTS716G_07 Datasheet
283Kb / 16P
Smart High-Side Power Switch
V1.0, 2007-05-13
BTS740S2 INFINEON-BTS740S2_07 Datasheet
289Kb / 17P
Smart High-Side Power Switch
V1.0, 2007-05-13
BTS4142N INFINEON-BTS4142N_07 Datasheet
383Kb / 20P
Smart High-Side Power Switch
V1.1, 2007-05-29
logo
STMicroelectronics
L6370Q STMICROELECTRONICS-L6370Q Datasheet
270Kb / 16P
2.5 A single high-side smart power switch
04-Oct-2011
logo
Infineon Technologies A...
BTT6010-1EKB INFINEON-BTT6010-1EKB_15 Datasheet
1Mb / 48P
Smart High-Side Power Switch Single Channel
Rev. 1.0, 2015-10-01
BTT6020-1EKA INFINEON-BTT6020-1EKA_15 Datasheet
2Mb / 54P
Smart High-Side Power Switch Single Channel
Rev. 1.1, 2015-03-04
BTT6050-1EKA INFINEON-BTT6050-1EKA_15 Datasheet
2Mb / 54P
Smart High-Side Power Switch Single Channel
Rev. 1.1, 2015-03-04
logo
Texas Instruments
TPS1HC100B-Q1 TI-TPS1HC100B-Q1 Datasheet
2Mb / 44P
TPS1HC100-Q1, 100-m廓, 2.5-A Single-Channel Smart High-Side Switch
JULY 2021
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com