Electronic Components Datasheet Search
  English  ▼

X  

RH0033F Datasheet(PDF) 2 Page - Solid States Devices, Inc

Part # RH0033F
Description  CENTERTAP RECTIFIER
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SSDI [Solid States Devices, Inc]
Direct Link  http://www.ssdi-power.com
Logo SSDI - Solid States Devices, Inc

RH0033F Datasheet(HTML) 2 Page - Solid States Devices, Inc

  RH0033F Datasheet HTML 1Page - Solid States Devices, Inc RH0033F Datasheet HTML 2Page - Solid States Devices, Inc  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
NOTE: All specifications are subject to change without notification.
SCD's for these devices should be reviewed by SSDI prior to release.
DATA SHEET #: RH0033F
DOC
Optional Bent Down Leads
(DB Suffix)
2x
.270
.240
.190 MIN
TO-258 (N Suffix)
TO-259 (P Suffix)
.270
.240
.045
.035
.145
.135
.750
.500
2x Ø
.150
.120
.290
.275
2x .265
.245
.135
.120
TYP
.550
.530
2x
.265
.245
3x Ø
.065
.055
2x
.205
.195
.405
.395
1.215
1.175
.960
.935
.700
.680
1.300
1.030
PIN 1
PIN 2
PIN 3
Optional with Bent Up Leads
(UB Suffix)
.190 MIN
2x .270
.240
Pin Assignment
Code
Function
Pin 1
Pin 2
Pin 3
CT
Common Cathode
Anode
Cathode
Anode
CA
Common Anode
Cathode
Anode
Cathode
D
Doubler
Cathode
AC
Anode
For information on curves, contact the Factory Representative for
Engineering Assistance.
DR
Doubler, Reverse
Anode
AC
Cathode
Solid State Devices, Inc.
14701 Firestone Blvd * La Mirada, Ca 90638
Phone: (562) 404-4474 * Fax: (562) 404-1773
ssdi@ssdi-power.com * www.ssdi-power.com
SDR9103CTN&P
thru
SDR9105CTN&P
ELECTRICAL CHARACTERISTICS (Per Leg)
CHARACTERISTICS
SYMBOL
MAXIMUM
UNIT
Instantaneous Forward Voltage Drop
(IF = 25 A, TA = 25ºC, Pulse)
(IF = 50 A, TA = 25ºC, Pulse)
VF1
VF2
1.25
1.55
Vdc
Instantaneous Forward Voltage Drop
(IF = 25 A, TA = 100ºC, Pulse)
(IF = 25 A, TA = -55ºC, Pulse)
VF3
VF4
1.15
1.35
Vdc
Reverse Leakage Current
(Rated VR, TA = 25ºC, Pulse )
IR1
100
μA
Reverse Leakage Current
(Rated VR, TA = 100ºC, Pulse )
IR2
10
mA
Junction Capacitance
(VR = 10 V, TA = 25ºC, f = 1 MHz)
CJ
250
pF
Reverse Recovery Time
(IF = 500mA, IR = 1.0A, IRR = 250mA, TA = 25ºC )
trr
40
nsec



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com