Electronic Components Datasheet Search
  English  ▼

X  

RH0033F Datasheet(PDF) 1 Page - Solid States Devices, Inc

Part # RH0033F
Description  CENTERTAP RECTIFIER
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SSDI [Solid States Devices, Inc]
Direct Link  http://www.ssdi-power.com
Logo SSDI - Solid States Devices, Inc

RH0033F Datasheet(HTML) 1 Page - Solid States Devices, Inc

  RH0033F Datasheet HTML 1Page - Solid States Devices, Inc RH0033F Datasheet HTML 2Page - Solid States Devices, Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
NOTE: All specifications are subject to change without notification.
SCD's for these devices should be reviewed by SSDI prior to release.
DATA SHEET #: RH0033F
DOC
Solid State Devices, Inc.
14701 Firestone Blvd * La Mirada, Ca 90638
Phone: (562) 404-4474 * Fax: (562) 404-1773
ssdi@ssdi-power.com * www.ssdi-power.com
Designer’s Data Sheet
Part Number/Ordering Information 1/
SDR91 __ __ __ __ __
└ Screening
2/
__
TX
TXV
S
= Not Screened
= TX Level
= TXV Level
= S Level
│
│
│
│
│
└ Lead Options
__= Straight Leads,
DB = Bent Down
UB = Bent Up
│
│
│
│
│
│
│
│
└ Package N = TO-258
P = TO-259
│
│
│
│
│
│
│
│
│
│
│
└ Configuration CT = Common Cathode
CA = Common Anode
D = Doubler
DR = Doubler Reverse
│
│
│
│
│
│
│
│
│
│
│
│
│
│
│
└
Family/Voltage
03 = 300V
04 = 400V
05 = 500V
SDR9103CTN&P
thru
SDR9105CTN&P
100 AMP, 300 - 500 VOLTS
40 nsec HYPER FAST
CENTERTAP RECTIFIER
FEATURES:
• Hyper Fast Recovery: 40 ns Maximum
• High Surge Rating
• Low Reverse Leakage Current
• Hermetically Sealed Low Profile Package
• Gold Eutectic Die Attach Available
• Ultrasonic Aluminum Wire Bonds
• Ceramic Seal for Improved Hermeticity
Available
• Common Anode and Doubler Versions
Available
• TX, TXV, or Space Level Screening Available
MAXIMUM RATINGS
RATING
SYMBOL
VALUE
UNIT
Peak Repetitive Reverse Voltage
and DC Blocking Voltage
SDR9103CTN & P
SDR9104CTN & P
SDR9105CTN & P
VRRM
VRWM
VR
300
400
500
Volts
Average Rectified Output Current 3/
(Resistive Load, 60Hz, Sine Wave, TA=25ºC)
IO
100
Amps
Peak Surge Current 4/
(8.3 ms Pulse, Half Sine Wave, TA=25ºC)
IFSM
500
Amps
Operating and Storage Temperature
TOP & TSTG
-65 to +200
ºC
Maximum Thermal Resistance
Junction to Case 3/
Junction to Case (Each Individual Diode)
RθJC
0.4
0.73
ºC/W
NOTES:
1/ For ordering Information, Price, and Availability, Contact Factory.
2/ Screening per MIL-PRF-19500
3/ Both Legs Tied Together.
4/ Available with Higher Surge Ratings.
TO-258
TO-259


Similar Part No. - RH0033F

ManufacturerPart #DatasheetDescription
logo
Solid States Devices, I...
RH0033F SSDI-RH0033F_15 Datasheet
161Kb / 2P
Hyper Fast Centertap Rectifier
More results

Similar Description - RH0033F

ManufacturerPart #DatasheetDescription
logo
Solid States Devices, I...
RA0024 SSDI-RA0024 Datasheet
81Kb / 2P
CENTERTAP RECTIFIER
RC0068 SSDI-RC0068 Datasheet
100Kb / 2P
CENTERTAP RECTIFIER
RU0087D SSDI-RU0087D Datasheet
81Kb / 2P
Centertap Rectifier
RU0089F SSDI-RU0089F Datasheet
135Kb / 3P
CENTERTAP RECTIFIER
SH0029E SSDI-SH0029E Datasheet
106Kb / 2P
Centertap Rectifier
SH0049C SSDI-SH0049C Datasheet
85Kb / 2P
Centertap Rectifier
SH0082A SSDI-SH0082A Datasheet
146Kb / 3P
CENTERTAP RECTIFIER
RA0025 SSDI-RA0025_15 Datasheet
82Kb / 2P
CENTERTAP RECTIFIER
RA0050C SSDI-RA0050C_15 Datasheet
113Kb / 2P
CENTERTAP RECTIFIER
RC0027F SSDI-RC0027F_15 Datasheet
118Kb / 2P
CENTERTAP RECTIFIER
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com