Electronic Components Datasheet Search
  English  ▼

X  

RH0111G Datasheet(PDF) 2 Page - Solid States Devices, Inc

Part # RH0111G
Description  Hyper Fast Rectifier
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SSDI [Solid States Devices, Inc]
Direct Link  http://www.ssdi-power.com
Logo SSDI - Solid States Devices, Inc

RH0111G Datasheet(HTML) 2 Page - Solid States Devices, Inc

  RH0111G Datasheet HTML 1Page - Solid States Devices, Inc RH0111G Datasheet HTML 2Page - Solid States Devices, Inc  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
NOTE: All specifications are subject to change without notification.
SCD's for these devices should be reviewed by SSDI prior to release.
DATA SHEET #: RH0111G
DOC
Solid State Devices, Inc.
14701 Firestone Blvd * La Mirada, CA 90638
Phone: (562) 404-4474 * Fax: (562) 404-1773
ssdi@ssdi-power.com * www.ssdi-power.com
SHF1104 & SHF1104SMS
thru
SHF1110 & SHF1110SMS
Electrical Characteristic
Symbol
Max
Units
Instantaneous Forward Voltage Drop
(IF = 1ADC, TA = 25ºC pulsed)
SHF1104-1106
SHF1108-1110
VF
1.35
1.65
VDC
Instantaneous Forward Voltage Drop
(IF = 1ADC, TA = -55ºC pulsed)
SHF1104-1106
SHF1108-1110
VF
1.50
1.80
VDC
Reverse Leakage Current
(Rated VR, TA = 25ºC pulsed)
IR
10
µA
Reverse Leakage Current
(Rated VR, TA = 100ºC pulsed)
IR
1
mA
Reverse Recovery Time
(IF = 500mA, IR = 1A, IRR = 250mA, TA = 25ºC)
tRR
40
nsec
Junction Capacitance
(VR = 10VDC, TA = 25ºC, f = 1MHz)
CJ
22
pF
Case Outline: (Axial)
B
ØC
ØA
D
D
DIM
MIN
MAX
A
0.100”
0.130”
B
0.130”
0.180”
C
0.027”
0.033”
D
1.00”
--
Case Outline: (SMS)
C
B
A
A
D
DIM
MIN
MAX
A
0.127”
0.140”
B
0.180”
0.230”
C
0.020”
0.030”
D
0.002”
--



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com