Electronic Components Datasheet Search
  English  ▼

X  

RH0111G Datasheet(PDF) 1 Page - Solid States Devices, Inc

Part # RH0111G
Description  Hyper Fast Rectifier
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SSDI [Solid States Devices, Inc]
Direct Link  http://www.ssdi-power.com
Logo SSDI - Solid States Devices, Inc

RH0111G Datasheet(HTML) 1 Page - Solid States Devices, Inc

  RH0111G Datasheet HTML 1Page - Solid States Devices, Inc RH0111G Datasheet HTML 2Page - Solid States Devices, Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
NOTE: All specifications are subject to change without notification.
SCD's for these devices should be reviewed by SSDI prior to release.
DATA SHEET #: RH0111G
DOC
Solid State Devices, Inc.
14701 Firestone Blvd * La Mirada, CA 90638
Phone: (562) 404-4474 * Fax: (562) 404-1773
ssdi@ssdi-power.com * www.ssdi-power.com
DESIGNER’S DATA SHEET
Part Number/Ordering Information 1/
SHF11 __
__
__
│
│
│
│
│
│
│
│
└
│
│
│
│
└
└ Screening
2/
__ = Not Screened
TX = TX Level
TXV = TXV Level
S = S Level
Package Type
__ = Axial Leaded
SMS = Surface Mount Square Tab
Family/Voltage
04 = 400 V
06 = 600 V
08 = 800 V
09 = 900 V
10 = 1000V
SHF1104 & SHF1104SMS
thru
SHF1110 & SHF1110SMS
1 AMP
400 - 1000 V
Hyper Fast Rectifier
Features:
• Hyper fast recovery: 40 nsec maximum
• PIV to 1000 Volts, consult factory
• Hermetically sealed
• Void free construction
• For high efficiency applications
• Replaces UES 1104, UES1106, 1N6621-1N6625
• TX, TXV, and S level screening available2/
Maximum Ratings
Symbol
Value
Units
Peak Repetitive Reverse and DC Blocking Voltage
SHF1104
SHF1106
SHF1108
SHF1109
SHF1110
VRRM
VRSM
VR
400
600
800
900
1000
Volts
Average Rectified Forward Current
(Resistive Load, 60 Hz Sine Wave, TA = 25°C)
IO
1.0
Amps
Peak Surge Current
(8.3 ms Pulse, Half Sine Wave, TA = 25°C)
IFSM
20
Amps
Operating & Storage Temperature
TOP & TSTG
-65 to +175
ºC
Maximum Thermal Resistance
Junction to Leads, L = 3/8
Junction to Tabs
RθJE
35
28
ºC/W
NOTES:
1/ For ordering information, price, and availability - contact factory.
2/ Screening based on MIL-PRF-19500. Screening flows available on request.
Axial Lead Diode
SMS


Similar Part No. - RH0111G

ManufacturerPart #DatasheetDescription
logo
Solid States Devices, I...
RH0111G SSDI-RH0111G_15 Datasheet
105Kb / 2P
Hyper Fast Rectifier
More results

Similar Description - RH0111G

ManufacturerPart #DatasheetDescription
logo
Solid States Devices, I...
SHF1100SM SSDI-SHF1100SM_1 Datasheet
74Kb / 2P
HYPER FAST RECTIFIER
SHF1402 SSDI-SHF1402_1 Datasheet
45Kb / 2P
HYPER FAST RECTIFIER
SPD502 SSDI-SPD502_1 Datasheet
45Kb / 2P
HYPER FAST RECTIFIER
SRL2040 SSDI-SRL2040 Datasheet
98Kb / 2P
HYPER FAST RECTIFIER
RC0093 SSDI-RC0093_15 Datasheet
171Kb / 2P
Hyper Fast Rectifier
RC0097B SSDI-RC0097B_15 Datasheet
175Kb / 2P
Hyper Fast Rectifier
RC0157A SSDI-RC0157A_15 Datasheet
117Kb / 2P
Hyper Fast Rectifier
RH0027C SSDI-RH0027C_15 Datasheet
135Kb / 2P
HYPER FAST RECTIFIER
RH0101D SSDI-RH0101D_15 Datasheet
102Kb / 2P
Hyper Fast Rectifier
RH0127 SSDI-RH0127_15 Datasheet
195Kb / 2P
HYPER FAST RECTIFIER
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com