Electronic Components Datasheet Search
  English  ▼

X  

MB89152APF Datasheet(PDF) 2 Page - fujitsu semiconductor

Part # MB89152APF
Description  8-bit Proprietary Microcontroller
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FUJITSU [fujitsu semiconductor]
Direct Link  
Logo FUJITSU - fujitsu semiconductor

MB89152APF Datasheet(HTML) 2 Page - fujitsu semiconductor

  MB89152APF Datasheet HTML 1Page - fujitsu semiconductor MB89152APF Datasheet HTML 2Page - fujitsu semiconductor MB89152APF Datasheet HTML 3Page - fujitsu semiconductor MB89152APF Datasheet HTML 4Page - fujitsu semiconductor MB89152APF Datasheet HTML 5Page - fujitsu semiconductor MB89152APF Datasheet HTML 6Page - fujitsu semiconductor MB89152APF Datasheet HTML 7Page - fujitsu semiconductor MB89152APF Datasheet HTML 8Page - fujitsu semiconductor MB89152APF Datasheet HTML 9Page - fujitsu semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 52 page
background image
2
MB89150/150A Series
(Continued)
• Buzzer output
• Watch prescaler (15 bits)
• External interrupts (wake-up function)
Four independent channels with edge detection function plus eight level-interrupt channels
s PRODUCT LINEUP
(Continued)
MB89152/A MB89153/A MB89154/A MB89155/A MB89P155 MB89PV150
Classification
Mass production products
(mask ROM products)
One-time
PROM
product
Piggyback/
evaluation
product (for
evaluation and
development)
ROM size
4 K
× 8 bits
(internal
mask ROM)
6 K
× 8 bits
(internal
mask ROM)
8 K
× 8 bits
(internal
mask ROM)
12 K
× 8 bits
(internal
mask ROM)
16 K
× 8 bits
(internal
mask ROM)
16 K
× 8 bits
(internal
PROM,
programming
with general-
purpose
EPROM
programmer)
32 K
× 8 bits
(external
ROM)
RAM size
128
× 8 bits
256
× 8 bits
512
× 8 bits
CPU functions
Number of instructions:
136
Instruction bit length:
8 bits
Instruction length:
1 to 3 bytes
Data bit length:
1, 8, 16 bits
Minimum execution time:
0.95
µs/4.2 MHz
Interrupt processing time:
8.57
µs/4.2 MHz
Ports
I/O port (N-ch open-drain):
8 (6 ports also serve as peripherals, 3 ports
are a high-current drive type.)
Output port (N-ch open-drain): 18 (16 ports also serve as segment pins, 2 ports
serve as boost capacitor connection pins.)*1
I/O port (CMOS):
16 (12 ports also serve as an external interrupt.)
Output port (CMOS):
1 (Also serves as a remote control.)
Total:
43 (max.)
Timer/counter
8-bit timer counter
× 2 channel or 16-bit event counter × 1 channel
8-bit serial I/O
8 bits
LSB first/MSB first selectability
LCD controller/
driver
Common output:
4
Segment output:
32 (max.)*1
Bias power supply pins:
4
LCD display RAM size:
36
× 4 bits
Booster for LCD driving:
Built-in*1
Dividing resistor for LCD driving:
Built-in (an external resistor selectability)
No reference
voltage
generator
and booster
for LCD
driving
External
interrupts
(wake-up function)
4 (edge selectability)
8 (level interrupt only)
Buzzer output
1 (7 frequencies are selectable by the software.)
MB89151/A
Part number
Parameter



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com