Electronic Components Datasheet Search
  English  ▼

X  

MB89152APF Datasheet(PDF) 39 Page - fujitsu semiconductor

Part # MB89152APF
Description  8-bit Proprietary Microcontroller
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FUJITSU [fujitsu semiconductor]
Direct Link  
Logo FUJITSU - fujitsu semiconductor

MB89152APF Datasheet(HTML) 39 Page - fujitsu semiconductor

Back Button MB89152APF Datasheet HTML 35Page - fujitsu semiconductor MB89152APF Datasheet HTML 36Page - fujitsu semiconductor MB89152APF Datasheet HTML 37Page - fujitsu semiconductor MB89152APF Datasheet HTML 38Page - fujitsu semiconductor MB89152APF Datasheet HTML 39Page - fujitsu semiconductor MB89152APF Datasheet HTML 40Page - fujitsu semiconductor MB89152APF Datasheet HTML 41Page - fujitsu semiconductor MB89152APF Datasheet HTML 42Page - fujitsu semiconductor MB89152APF Datasheet HTML 43Page - fujitsu semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 52 page
background image
39
MB89150/150A Series
(Continued)
1.2
0
1.1
1.0
0.9
0.8
0.7
0.6
0.5
0.4
0.3
0.2
0.1
ICCS1 (mA)
ICCS1 vs. VCC
TA = +25
°C
FCH = 4.2 MHz
FCH = 3 MHz
FCH = 1 MHz
VCC (V)
1234567
1.0
0.9
0.8
0.7
0.6
0.5
0.4
0.3
0.2
0.1
0
ICCS2 (mA)
ICCS2 vs. VCC
FCH = 4.2 MHz
FCH = 3 MHz
FCH = 1 MHz
TA = +25
°C
VCC (V)
1234567
200
180
160
140
120
100
80
60
40
20
0
ICCL (
µA)
ICCL vs. VCC (Mask ROM product)
FCL = 32.768 kHz
TA = +25
°C
1234567
VCC (V)
30
0
25
20
15
10
5
ICCT (
µA)
ICCT vs. VCC
FCL = 32.768 kHz
TA = +25
°C
1234567
VCC (V)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com