Electronic Components Datasheet Search
  English  ▼

X  

MBM29F080A Datasheet(PDF) 17 Page - fujitsu semiconductor

Part # MBM29F080A
Description  8M (1M X 8) BIT
PDF  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FUJITSU [fujitsu semiconductor]
Direct Link  
Logo FUJITSU - fujitsu semiconductor

MBM29F080A Datasheet(HTML) 17 Page - fujitsu semiconductor

Back Button MBM29F080A Datasheet HTML 13Page - fujitsu semiconductor MBM29F080A Datasheet HTML 14Page - fujitsu semiconductor MBM29F080A Datasheet HTML 15Page - fujitsu semiconductor MBM29F080A Datasheet HTML 16Page - fujitsu semiconductor MBM29F080A Datasheet HTML 17Page - fujitsu semiconductor MBM29F080A Datasheet HTML 18Page - fujitsu semiconductor MBM29F080A Datasheet HTML 19Page - fujitsu semiconductor MBM29F080A Datasheet HTML 20Page - fujitsu semiconductor MBM29F080A Datasheet HTML 21Page - fujitsu semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 47 page
background image
17
MBM29F080A-55/-70/-90
Write Operation Status
Notes: 1. Performing successive read operations from the erase-suspended sector will cause DQ2 to toggle.
2. Performing successive read operations from any address will cause DQ6 to toggle.
3. Reading the byte address being programmed while in the erase-suspend program mode will indicate logic
“1” at the DQ2 bit. However, successive reads from the erase-suspended sector will cause DQ2 to toggle.
DQ7
Data Polling
The MBM29F080A device features Data Polling as a method to indicate to the host that the embedded algorithms
are in progress or completed. During the Embedded Program Algorithm, an attempt to read the device will
produce the complement of the data last written to DQ7. Upon completion of the Embedded Program Algorithm,
an attempt to read the device will produce the true data last written to DQ7. During the Embedded Erase™
Algorithm, an attempt to read the device will produce a “0” at the DQ7 output. Upon completion of the Embedded
Erase Algorithm an attempt to read the device will produce a “1” at the DQ7 output. The flowchart for Data Polling
(DQ7) is shown in Figure 18.
Data polling will also flag the entry into Erase Suspend. DQ7 will switch “0” to “1” at the start of the Erase Suspend
mode. Please note that the address of an erasing sector must be applied in order to observe DQ7 in the Erase
Suspend Mode.
During Program in Erase Suspend, Data polling will perform the same as in regular program execution outside
of the suspend mode.
For chip erase, the Data Polling is valid after the rising edge of the sixth WE pulse in the six write pulse sequence.
For sector erase, the Data Polling is valid after the last rising edge of the sector erase WE pulse. Data Polling
must be performed at sector address within any of the sectors being erased and not a sector that is within a
protected sector group. Otherwise, the status may not be valid.
Table 7
Hardware Sequence Flags
Status
DQ7
DQ6
DQ5
DQ3
DQ2
In Progress
Embedded Program Algorithm
DQ7
Toggle
0
0
1
Embedded Erase Algorithm
0
Toggle
0
1
Toggle
Erase
Suspended
Mode
Erase Suspend Read
(Erase Suspended Sector)
1100
Toggle
(Note 1)
Erase Suspend Read
(Non-Erase Suspended Sector)
Data
Data
Data
Data
Data
Erase Suspend Program
(Non-Erase Suspended Sector)
DQ7
Toggle
(Note 2)
00
1
(Note 3)
Exceeded
Time Limits
Embedded Program Algorithm
DQ7
Toggle
1
0
1
Embedded Erase Algorithm
0
Toggle
1
1
N/A
Erase
Suspended
Mode
Erase Suspend Program
(Non-Erase Suspended Sector)
DQ7
Toggle
1
0
N/A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com