Electronic Components Datasheet Search
  English  ▼

X  

MBM29F080A Datasheet(PDF) 21 Page - fujitsu semiconductor

Part # MBM29F080A
Description  8M (1M X 8) BIT
PDF  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FUJITSU [fujitsu semiconductor]
Direct Link  
Logo FUJITSU - fujitsu semiconductor

MBM29F080A Datasheet(HTML) 21 Page - fujitsu semiconductor

Back Button MBM29F080A Datasheet HTML 17Page - fujitsu semiconductor MBM29F080A Datasheet HTML 18Page - fujitsu semiconductor MBM29F080A Datasheet HTML 19Page - fujitsu semiconductor MBM29F080A Datasheet HTML 20Page - fujitsu semiconductor MBM29F080A Datasheet HTML 21Page - fujitsu semiconductor MBM29F080A Datasheet HTML 22Page - fujitsu semiconductor MBM29F080A Datasheet HTML 23Page - fujitsu semiconductor MBM29F080A Datasheet HTML 24Page - fujitsu semiconductor MBM29F080A Datasheet HTML 25Page - fujitsu semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 47 page
background image
21
MBM29F080A-55/-70/-90
Data Protection
The MBM29F080A is designed to offer protection against accidental erasure or programming caused by spurious
system level signals that may exist during power transitions. During power up the device automatically resets
the internal state machine in the Read mode. Also, with its control register architecture, alteration of the memory
contents only occurs after successful completions of specific multi-bus cycle command sequences.
The device also incorporates several features to prevent inadvertent write cycles resulting from VCC power-up
and power-down transitions or system noise.
Low VCC Write Inhibit
To avoid initiation of a write cycle during VCC power-up and power-down, a write cycle is locked out for VCC less
than 3.2 V (typically 3.7 V). If VCC < VLKO, the command register is disabled and all internal program/erase circuits
are disabled. Under this condition the device will reset to the read mode. Subsequent writes will be ignored until
the VCC level is greater than VLKO. It is the users responsibility to ensure that the control pins are logically correct
to prevent unintentional writes when VCC is above 3.2 V.
Write Pulse “Glitch” Protection
Noise pulses of less than 5 ns (typical) on OE, CE, or WE will not initiate a write cycle.
Logical Inhibit
Writing is inhibited by holding any one of OE = VIL, CE = VIH or WE = VIH. To initiate a write cycle CE and WE
must be a logical zero while OE is a logical one.
Power-Up Write Inhibit
Power-up of the device with WE = CE = VIL and OE = VIH will not accept commands on the rising edge of WE.
The internal state machine is automatically reset to the read mode on power-up.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com