Electronic Components Datasheet Search
  English  ▼

X  

MF100CCWM Datasheet(PDF) 21 Page - Texas Instruments

Part # MF100CCWM
Description  MF10-N Universal Monolithic Dual Switched Capacitor Filter
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

MF100CCWM Datasheet(HTML) 21 Page - Texas Instruments

Back Button MF100CCWM Datasheet HTML 17Page - Texas Instruments MF100CCWM Datasheet HTML 18Page - Texas Instruments MF100CCWM Datasheet HTML 19Page - Texas Instruments MF100CCWM Datasheet HTML 20Page - Texas Instruments MF100CCWM Datasheet HTML 21Page - Texas Instruments MF100CCWM Datasheet HTML 22Page - Texas Instruments MF100CCWM Datasheet HTML 23Page - Texas Instruments MF100CCWM Datasheet HTML 24Page - Texas Instruments MF100CCWM Datasheet HTML 25Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 36 page
background image
MF10-N
www.ti.com
SNOS547C – JUNE 1999 – REVISED APRIL 2013
Table 1. Summary of Modes. Realizable filter types (e.g. low-pass) denoted by asterisks.
Unless otherwise noted, gains of various filter outputs are inverting and adjustable by resistor ratios.
Number of
Mode
BP
LP
HP
N
AP
Adjustable fCLK/fO
Notes
Resistors
1
*
*
*
3
No
1a
HOBP1 = −Q
May need input buffer. Poor
HOLP + 1
2
No
HOBP2 = +1
dynamics for high Q.
Yes (above fCLK/50 or
2
*
*
*
3
fCLK/100)
Universal State-Variable Filter. Best
3
*
*
*
4
Yes
general-purpose mode.
As above, but also includes resistor-
3a
*
*
*
*
7
Yes
tuneable notch.
4
Gives Allpass response with HOAP =
*
*
*
3
No
−1 and HOLP = −2.
Gives flatter allpass response than
5
*
*
*
4
above if R1 = R2 = 0.02R4.
6a
*
*
3
Single pole.
6b
HOLP1 = +1
2
Single pole.
HOLP2 = -R3/R2
Copyright © 1999–2013, Texas Instruments Incorporated
Submit Documentation Feedback
21
Product Folder Links: MF10-N



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com