Electronic Components Datasheet Search
  English  ▼

X  

LMP92018 Datasheet(PDF) 8 Page - Texas Instruments

Click here to check the latest version.
Part # LMP92018
Description  LMP92018 Analog System Monitor and Controller
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LMP92018 Datasheet(HTML) 8 Page - Texas Instruments

Back Button LMP92018 Datasheet HTML 4Page - Texas Instruments LMP92018 Datasheet HTML 5Page - Texas Instruments LMP92018 Datasheet HTML 6Page - Texas Instruments LMP92018 Datasheet HTML 7Page - Texas Instruments LMP92018 Datasheet HTML 8Page - Texas Instruments LMP92018 Datasheet HTML 9Page - Texas Instruments LMP92018 Datasheet HTML 10Page - Texas Instruments LMP92018 Datasheet HTML 11Page - Texas Instruments LMP92018 Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 34 page
background image
LMP92018
SNAS514B – NOVEMBER 2011 – REVISED MAY 2013
www.ti.com
Electrical Characteristics (continued)
Unless otherwise noted, these specifications apply for VDD=4.75V to 5.25V, REF=VDD, TA=25°C. Boldface limits are over
the temperature range of
−30°C ≤ TA ≤ 85°C unless otherwise noted. DAC input code range 12 to 1012. DAC output
CL = 200 pF unless otherwise noted.
Symbol
Parameter
Conditions
Min
Typ
Max
Units
DIGITAL INPUT CHARACTERISTICS (CSB, DIN, SCLK)
VIH
Input HIGH Voltage
0.7 x VIO
V
VIL
Input LO Voltage
0.3 x VIO
V
Hysteresis
250
mV
IIND
Digital Input Current
±0.005
±1
µA
CIND
Input Capacitance
4
pF
DIGITAL OUTPUT CHARACTERISTICS (GPIO[11:0])
IOUT = 200 µA
0.01
0.4
VOL
Output LO Voltage
V
IOUT = 1.6 mA
0.07
0.4
VGPIO = VDD = 5V
IOUT = 200µA
VGPIO-0.2
VOH
Output HI Voltage
V
IOUT = 1.6 mA
VGPIO-0.5
VGPIO = VDD = 5V
TRI-STATE Output Leakage
IOZH, IOZL
VGPIO=VDD
±5
µA
Current
COUT
Output Capacitance
4
pF
DIGITAL OUTPUT CHARACTERISTICS (DOUT)
IOUT = 200 µA
0.01
0.4
V
VOL
Output LO Voltage
IOUT = 1.6 mA
0.07
0.6
V
VIO = 3.3V
IOUT = 200 µA
VIO-0.2
VOH
Output HI Voltage
V
IOUT = 1.6 mA
VIO-0.5
VIO = 3.3V
TRI-STATE Output Leakage
IOZH, IOZL
VGPIO = 1.8V =VDD
±5
µA
Current
COUT
Output Capacitance
4
pF
DIGITAL OUTPUT CHARACTERISTICS (DRDYB)
IOUT = 1.6 mA
VOH_MAX
Maximum Output HI Voltage
VIO-0.5
µA
VIO = 3.3V to VDD
VOL
Output LO Voltage
Force 0V or VDD
0.01
V
POWER SUPPLY CHARACTERISTICS
VDD
Supply Voltage Range
4.75
5
5.5
VGPIO
GPIO Rail Range
1.8
VDD
V
VIO
SPI Rail Range
1.8
VDD
IDD
Supply Current, Conversion Mode
OUT[3:0] pins RL = ∞
4
mA
Power Consumption, Conversion
PWRCONV
OUT[3:0] pins RL = ∞
21
mW
Mode
Supply Current, Power-Down
IPD
50
µA
Mode
VPOR
Power-On Reset(6)
1.9
2.7
V
AC ELECTRICAL CHARACTERISTICS
tTRACK
ADC Track Time
Dictated by SPI bus activity
t8+9×t1
µs
tHOLD
ADC Hold Time
Dictated by SPI bus activity
15×t1
µs
25%FS to 75%FS code change,
ts
DAC Settling Time(7)
20
µs
RL = 2K, CL = 200 pF
(6)
During the power up the supply rail must ramp up beyond VPOR MIN for the device to acquire default state. After the supply rail has
reached the nominal level, the rail can drop as low as VPOR MAX for the current state to be maintained.
(7)
Device Specification is guaranteed by characterization and is not tested in production.
8
Submit Documentation Feedback
Copyright © 2011–2013, Texas Instruments Incorporated
Product Folder Links: LMP92018



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com