Electronic Components Datasheet Search
  English  ▼

X  

COP8AME9 Datasheet(PDF) 39 Page - Texas Instruments

Part # COP8AME9
Description  COP8AME9 8-Bit CMOS Flash Microcontroller with 8k Memory, Dual Op Amps, Virtual EEPROM, Temperature Sensor, 10-Bit A/D and Brownout Reset
PDF  102 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

COP8AME9 Datasheet(HTML) 39 Page - Texas Instruments

Back Button COP8AME9 Datasheet HTML 35Page - Texas Instruments COP8AME9 Datasheet HTML 36Page - Texas Instruments COP8AME9 Datasheet HTML 37Page - Texas Instruments COP8AME9 Datasheet HTML 38Page - Texas Instruments COP8AME9 Datasheet HTML 39Page - Texas Instruments COP8AME9 Datasheet HTML 40Page - Texas Instruments COP8AME9 Datasheet HTML 41Page - Texas Instruments COP8AME9 Datasheet HTML 42Page - Texas Instruments COP8AME9 Datasheet HTML 43Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 102 page
background image
COP8AME9, COP8ANE9
www.ti.com
SNOS930F – MARCH 2001 – REVISED MARCH 2013
Table 17. Timer Operating Modes
Interrupt A Source Interrupt B Source
Timer Counts
Mode
TxC3
TxC2
TxC1
Description
On
1
0
1
PWM: TxA Toggle
Autoreload RA
Autoreload RB
tC or MCLK
1
1
0
0
PWM: No TxA Toggle
Autoreload RA
Autoreload RB
tC or MCLK
0
0
0
External Event Counter
Timer Underflow
Pos. TxB Edge
TxA Pos. Edge
2
0
0
1
External Event Counter
Timer Underflow
Pos. TxB Edge
TxA Neg. Edge
0
1
0
Captures:
Pos. TxA Edge
Pos. TxB Edge
tC or MCLK
TxA Pos. Edge
or Timer
TxB Pos. Edge
Underflow
1
1
0
Captures:
Pos. TxA
Neg. TxB
tC or MCLK
TxA Pos. Edge
Edge or Timer
Edge
TxB Neg. Edge
Underflow
3
0
1
1
Captures:
Neg. TxA
Pos. TxB
tC or MCLK
TxA Neg. Edge
Edge or Timer
Edge
TxB Pos. Edge
Underflow
1
1
1
Captures:
Neg. TxA
Neg. TxB
tC or MCLK
TxA Neg. Edge
Edge or Timer
Edge
TxB Neg. Edge
Underflow
TIMER T2 OPERATION IN IDLE MODE
Timer T2 has a special mode that allows it to be operated in IDLE mode. To use this mode, T2 must be
configured as a high speed timer, by setting T2HS = 1, and, also, configured to run in the IDLE mode by setting
the T2IDLE bit to 1 in the HSTCR register. Table 18 shows the modes of operation allowed for T2 during the
IDLE mode. All the T2 modes are allowed except the following:
•
Using the instruction cycle clock (tc)
•
PWM: TxA Toggle
T2 should not be left in this special mode when entering HALT. The T2IDLE bit must be reset to 0 before
entering the HALT mode to ensure that T2 remains in the same state when exiting HALT as it was prior to
entering HALT.
Table 18. Timer T2 Mode Control Bits in IDLE Mode
Interrupt A Source Interrupt B Source
Timer Counts
Mode
TxC3
TxC2
TxC1
Description
On
1
0
1
Not Allowed
1
1
0
0
PWM: No TxA Toggle
Autoreload RA
Autoreload RB
MCLK
0
0
0
External Event Counter
Timer Underflow
Pos. TxB Edge
TxA Pos. Edge
2
0
0
1
External Event Counter
Timer Underflow
Pos. TxB Edge
TxA Neg. Edge
0
1
0
Captures:
Pos. TxA Edge
Pos. TxB Edge
MCLK
TxA Pos. Edge
or Timer
TxB Pos. Edge
Underflow
1
1
0
Captures:
Pos. TxA
Pos.TxB
MCLK
TxA Pos. Edge
Edge or Timer
Edge
TxB Neg. Edge
Underflow
3
0
1
1
Captures:
Neg. TxA
Pos. TxB
MCLK
TxA Neg. Edge
Edge or Timer
Edge
TxB Pos. Edge
Underflow
1
1
1
Captures:
Neg. TxA
Neg. TxB
MCLK
TxA Neg. Edge
Edge or Timer
Edge
TxB Neg. Edge
Underflow
Copyright © 2001–2013, Texas Instruments Incorporated
Submit Documentation Feedback
39
Product Folder Links: COP8AME9 COP8ANE9



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com