Electronic Components Datasheet Search
  English  ▼

X  

COP8AME9 Datasheet(PDF) 79 Page - Texas Instruments

Part # COP8AME9
Description  COP8AME9 8-Bit CMOS Flash Microcontroller with 8k Memory, Dual Op Amps, Virtual EEPROM, Temperature Sensor, 10-Bit A/D and Brownout Reset
PDF  102 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

COP8AME9 Datasheet(HTML) 79 Page - Texas Instruments

Back Button COP8AME9 Datasheet HTML 75Page - Texas Instruments COP8AME9 Datasheet HTML 76Page - Texas Instruments COP8AME9 Datasheet HTML 77Page - Texas Instruments COP8AME9 Datasheet HTML 78Page - Texas Instruments COP8AME9 Datasheet HTML 79Page - Texas Instruments COP8AME9 Datasheet HTML 80Page - Texas Instruments COP8AME9 Datasheet HTML 81Page - Texas Instruments COP8AME9 Datasheet HTML 82Page - Texas Instruments COP8AME9 Datasheet HTML 83Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 79 / 102 page
background image
COP8AME9, COP8ANE9
www.ti.com
SNOS930F – MARCH 2001 – REVISED MARCH 2013
Table 39. MICROWIRE/PLUS Master Mode Clock Select(1)
SL1
SL0
SK Period
0
0
2 × tC
0
1
4 × tC
1
x
8 × tC
(1)
Where tC is the instruction cycle clock
MICROWIRE/PLUS OPERATION
Setting the BUSY bit in the PSW register causes the MICROWIRE/PLUS to start shifting the data. It gets reset
when eight data bits have been shifted. The user may reset the BUSY bit by software to allow less than 8 bits to
shift. If enabled, an interrupt is generated when eight data bits have been shifted. The device may enter the
MICROWIRE/PLUS mode either as a Master or as a Slave. Figure 36 shows how two microcontroller devices
and several peripherals may be interconnected using the MICROWIRE/PLUS arrangements.
WARNING
The SIO register should only be loaded when the SK clock is in the idle phase.
Loading the SIO register while the SK clock is in the active phase, will result in
undefined data in the SIO register.
Setting the BUSY flag when the input SK clock is in the active phase while in
the MICROWIRE/PLUS is in the slave mode may cause the current SK clock for
the SIO shift register to be narrow. For safety, the BUSY flag should only be set
when the input SK clock is in the idle phase.
MICROWIRE/PLUS Master Mode Operation
In the MICROWIRE/PLUS Master mode of operation the shift clock (SK) is generated internally. The
MICROWIRE/PLUS Master always initiates all data exchanges. The MSEL bit in the CNTRL register must be set
to enable the SO and SK functions onto the G Port. The SO and SK pins must also be selected as outputs by
setting appropriate bits in the Port G configuration register. In the slave mode, the shift clock stops after 8 clock
pulses. Table 40 summarizes the bit settings required for Master mode of operation.
MICROWIRE/PLUS Slave Mode Operation
In the MICROWIRE/PLUS Slave mode of operation the SK clock is generated by an external source. Setting the
MSEL bit in the CNTRL register enables the SO and SK functions onto the G Port. The SK pin must be selected
as an input and the SO pin is selected as an output pin by setting and resetting the appropriate bits in the Port G
configuration register. Table 40 summarizes the settings required to enter the Slave mode of operation.
Table 40. MICROWIRE/PLUS Mode Settings(1)
G4 (SO)
G5 (SK)
G4
G5
Operation
Config. Bit
Config. Bit
Fun.
Fun.
1
1
SO
Int.
MICROWIRE/PLUS
SK
Master
0
1
TRI-
Int.
MICROWIRE/PLUS
STATE
SK
Master
1
0
SO
Ext.
MICROWIRE/PLUS
SK
Slave
0
0
TRI-
Ext.
MICROWIRE/PLUS
STATE
SK
Slave
(1)
This table assumes that the control flag MSEL is set.
Copyright © 2001–2013, Texas Instruments Incorporated
Submit Documentation Feedback
79
Product Folder Links: COP8AME9 COP8ANE9



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com