Electronic Components Datasheet Search
  English  ▼

X  

LM111QML Datasheet(PDF) 6 Page - Texas Instruments

Click here to check the latest version.
Part # LM111QML
Description  LM111QML Voltage Comparator
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LM111QML Datasheet(HTML) 6 Page - Texas Instruments

Back Button LM111QML Datasheet HTML 2Page - Texas Instruments LM111QML Datasheet HTML 3Page - Texas Instruments LM111QML Datasheet HTML 4Page - Texas Instruments LM111QML Datasheet HTML 5Page - Texas Instruments LM111QML Datasheet HTML 6Page - Texas Instruments LM111QML Datasheet HTML 7Page - Texas Instruments LM111QML Datasheet HTML 8Page - Texas Instruments LM111QML Datasheet HTML 9Page - Texas Instruments LM111QML Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 42 page
background image
LM111QML
SNOSAJ4C – OCTOBER 2005 – REVISED MARCH 2013
www.ti.com
LM111/883 Electrical Characteristics DC Parameters
(1)
The following conditions apply, unless otherwise specified. V56 = 0, RS = 0 Ω, VCC = ±15V, VCM = 0, VO = 1.4V WRT −VCC
The pin assignments are based on the 8 pin package configuration.
(2)
Sub-
Symbol
Parameter
Conditions
Notes
Min
Max
Unit
groups
IIO
Input Offset Current
VCM = 13.5V, RS = 50KΩ
-10
10
nA
1
-20
20
nA
2, 3
VCM = 13.5V, V85 = V86 = 0V, RS =
(2)
-30
30
nA
1
50K
Ω
VCM = -14.5V, RS= 50KΩ
-10
10
nA
1
-20
20
nA
2, 3
VCM = -14.5V, V85 = V86 = 0V, RS=
(2)
-30
30
nA
1
50K
Ω
RS = 50KΩ
-10
10
nA
1
-20
20
nA
2, 3
V85 = V86 = 0V, RS = 50KΩ
(2)
-30
30
nA
1
IIB
Input Bias Current
VCM = 13.5V, RS = 50KΩ
100
nA
1
150
nA
2, 3
VCM = -14.5V, RS = 50KΩ
100
nA
1
150
nA
2, 3
RS = 50KΩ
100
nA
1
150
nA
2, 3
IOL
Output Leakage Current
VCC = ± 18V, I5 + I6 = 5mA,
(2)
10
nA
1
VO = 35V WRT -VCC
(2)
500
nA
2, 3
IGL
Ground Leakage Current
VCC = ± 18V, I5 + I6 = 5mA,
(2)
25
nA
1
VO = 50V WRT -VCC
(2)
500
nA
2
VSat
Saturation Voltage
VI = -5mV, I7 = 50mA
(2)
1.5
V
1, 2, 3
VI = -6mV, I7 = 8mA
(2)
0.4
V
1, 2, 3
-ICC
Negative Supply Current
5.0
mA
1, 2
15
mA
3
+ICC
Positive Supply Current
6.0
mA
1, 2
15
mA
3
IL1
Input Leakage Current
VCC = ± 18V, V28 = 1V,
(2)
10
nA
1
V38 = 30V, I5 + I6 = 5mA
(2)
30
nA
2
VO = 50V WRT -VCC
IL2
Input Leakage Current
VCC = ± 18V, V38 = 1V,
(2)
10
nA
1
V28 = 30V, I5 + I6 = 5mA
(2)
30
nA
2
VO = 50V WRT -VCC
VOSt
Collector Output Voltage (Strobe)
14
V
1
ISt = 3mA
14
V
1
(1)
Calculated parameter.
(2)
Pin names based on an 8 pin package configuration. When using higher pin count packages then: Pin 2 & 3 are Inputs, Pin 5 is
Balance, Pin 6 is Balance /Strobe, Pin 7 is Output, and Pin 8 is V+. For example: V56 is the Voltage between the Balance and Balance /
Strobe pins.
6
Submit Documentation Feedback
Copyright © 2005–2013, Texas Instruments Incorporated
Product Folder Links: LM111QML



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com