Electronic Components Datasheet Search
  English  ▼

X  

LM111QML Datasheet(PDF) 13 Page - Texas Instruments

Click here to check the latest version.
Part # LM111QML
Description  LM111QML Voltage Comparator
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LM111QML Datasheet(HTML) 13 Page - Texas Instruments

Back Button LM111QML Datasheet HTML 9Page - Texas Instruments LM111QML Datasheet HTML 10Page - Texas Instruments LM111QML Datasheet HTML 11Page - Texas Instruments LM111QML Datasheet HTML 12Page - Texas Instruments LM111QML Datasheet HTML 13Page - Texas Instruments LM111QML Datasheet HTML 14Page - Texas Instruments LM111QML Datasheet HTML 15Page - Texas Instruments LM111QML Datasheet HTML 16Page - Texas Instruments LM111QML Datasheet HTML 17Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 42 page
background image
LM111QML
www.ti.com
SNOSAJ4C – OCTOBER 2005 – REVISED MARCH 2013
LM111 RADIATION Electrical Characteristics SMD 5962R0052402 DC Parameters
(1)(2) (continued)
The following conditions apply, unless otherwise specified. VCC = ±15V, VCM = 0
Sub-
Symbol
Parameter
Conditions
Notes
Min
Max
Unit
groups
VIO R
Raised Input Offset Voltage
VI = 0V, RS = 50Ω
-3.0
+3.0
mV
1
(2)
-4.5
+4.5
mV
2, 3
+VCC = 29.5V, -VCC = -0.5V,
-3.0
+3.0
mV
1
VI = 0V, VCM = -14.5V,
(2)
-4.5
+4.5
mV
2, 3
RS = 50Ω
+VCC = 2V, -VCC = -28V,
-3.0
+3.0
mV
1
VI = 0V, VCM = +13V,
(2)
-4.5
+4.5
mV
2, 3
RS = 50Ω
IIO
Input Offset Current
VI = 0V, RS = 50KΩ
-10
+10
nA
1, 2
-20
+20
nA
3
+VCC = 29.5V, -VCC = -0.5V,
-10
+10
nA
1, 2
VI = 0V, VCM = -14.5V,
-20
+20
nA
3
RS = 50KΩ
+VCC = 2V, -VCC = -28V,
-10
+10
nA
1, 2
VI = 0V, VCM = +13V,
-20
+20
nA
3
RS = 50KΩ
IIOR
Raised Input Offset Current
VI = 0V, RS = 50KΩ
-25
+25
nA
1, 2
(2)
-50
+50
nA
3
±IIB
Input Bias Current
VI = 0V, RS = 50KΩ
-100
0.1
nA
1, 2
-150
0.1
nA
3
+VCC = 29.5V, -VCC = -0.5V,
-150
0.1
nA
1, 2
VI = 0V, VCM = -14.5V,
-200
0.1
nA
3
RS = 50KΩ
+VCC = 2V, -VCC = -28V,
-150
0.1
nA
1, 2
VI = 0V, VCM = +13V,
-200
0.1
nA
3
RS = 50KΩ
VOSt
Collector Output Voltage (Strobe)
+VI = Gnd, -VI = 15V,
(3) (4)
V
1, 2, 3
ISt = -3mA, RS = 50Ω
14
CMRR
Common Mode Rejection Ratio
-28V
≤ -VCC ≤ -0.5V, RS = 50Ω, 2V
≤ +VCC ≤ 29.5V, RS = 50Ω, -14.5V
80
dB
1, 2, 3
≤ VCM ≤ 13V, RS = 50Ω
VOL
Low Level Output Voltage
+VCC = 4.5V, -VCC = Gnd,
IO = 8mA, ±VI = 0.5V,
0.4
V
1, 2, 3
VID = -6mV
+VCC = 4.5V, -VCC = Gnd,
IO = 8mA, ±VI = 3V,
0.4
V
1, 2, 3
VID = -6mV
IO = 50mA, ±VI = 13V,
1.5
V
1, 2, 3
VID = -5mV
IO = 50mA, ±VI = -14V,
1.5
V
1, 2, 3
VID = -5mV
ICEX
Output Leakage Current
+VCC = 18V, -VCC = -18V,
-1.0
10
nA
1
VO = 32V
-1.0
500
nA
2
IL
Input Leakage Current
+VCC = 18V, -VCC = -18V,
(5)
-5.0
500
nA
1, 2, 3
+VI = +12V, -VI = -17V
+VCC = 18V, -VCC = -18V,
(5)
-5.0
500
nA
1, 2, 3
+VI = -17V, -VI = +12V
+ICC
Power Supply Current
6.0
mA
1, 2
7.0
mA
3
-ICC
Power Supply Current
-5.0
mA
1, 2
-6.0
mA
3
(3)
IST = −2mA at −55°C
(4)
Group A sample ONLY
(5)
VID is voltage difference between inputs.
Copyright © 2005–2013, Texas Instruments Incorporated
Submit Documentation Feedback
13
Product Folder Links: LM111QML



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com