Electronic Components Datasheet Search
  English  ▼

X  

AMC7832IPAP Datasheet(PDF) 54 Page - Texas Instruments

Click here to check the latest version.
Part # AMC7832IPAP
Description  AMC7832 12-Bit Analog Monitor and Control Solution with Multi-Channel ADC, Bipolar DACs, Temperature Sensor and GPIO Ports
PDF  70 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

AMC7832IPAP Datasheet(HTML) 54 Page - Texas Instruments

Back Button AMC7832IPAP Datasheet HTML 50Page - Texas Instruments AMC7832IPAP Datasheet HTML 51Page - Texas Instruments AMC7832IPAP Datasheet HTML 52Page - Texas Instruments AMC7832IPAP Datasheet HTML 53Page - Texas Instruments AMC7832IPAP Datasheet HTML 54Page - Texas Instruments AMC7832IPAP Datasheet HTML 55Page - Texas Instruments AMC7832IPAP Datasheet HTML 56Page - Texas Instruments AMC7832IPAP Datasheet HTML 57Page - Texas Instruments AMC7832IPAP Datasheet HTML 58Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 54 / 70 page
background image
MUX
ADC
GPIO
Temperature
Sensor
DAC
Heat Sink
Temp
Sensor
Power
Power
Power
Amplifier
Power
Amplifier
RF IN
RF IN
AMC7832
Heat Sink
Temperature Sensing
Current Sensing
Rshunt
2I
AMC7832
SLAS836 – MARCH 2014
www.ti.com
9 Applications and Implementation
9.1 Application Information
The AMC7832 device is a highly integrated, low-power, complete analog monitoring and control solution.
Although the device can be used in many different systems -- Industrial Control, Test and Measurement, and
Optical Communications -- the device is largely used in multi-channel RF communication driven applications
which incorporate power amplifiers.
Power amplifiers (PAs) include transistor technologies that are extremely temperature sensitive, and require DC
biasing circuits to optimize RF performance, power efficiency, and stability. The AMC7832 device provides 12
DAC channels, which can be used to bias the inputs of the power amplifiers. The device also includes an internal
local temperature sensor, and 17 ADC channels for general-purpose monitoring.
There are mainly two different types of monitoring schemes: current sensing, and temperature sensing. In the
current-sense application the PA drain current is monitored by measuring the shunt resistor’s differential voltage
drop. The devices internal local temperature sensor and analog inputs – which can be configured for remote
temperature ICs or thermistors – can be used to detect temperature variations during PA operation. Figure 57
shows the block diagrams to these different systems.
9.2 Typical Application
Figure 57. AMC7832 Example Control and Monitor System
54
Submit Documentation Feedback
Copyright © 2014, Texas Instruments Incorporated
Product Folder Links: AMC7832



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com