Electronic Components Datasheet Search
  English  ▼

X  

AMC7832IPAP Datasheet(PDF) 15 Page - Texas Instruments

Click here to check the latest version.
Part # AMC7832IPAP
Description  AMC7832 12-Bit Analog Monitor and Control Solution with Multi-Channel ADC, Bipolar DACs, Temperature Sensor and GPIO Ports
PDF  70 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

AMC7832IPAP Datasheet(HTML) 15 Page - Texas Instruments

Back Button AMC7832IPAP Datasheet HTML 11Page - Texas Instruments AMC7832IPAP Datasheet HTML 12Page - Texas Instruments AMC7832IPAP Datasheet HTML 13Page - Texas Instruments AMC7832IPAP Datasheet HTML 14Page - Texas Instruments AMC7832IPAP Datasheet HTML 15Page - Texas Instruments AMC7832IPAP Datasheet HTML 16Page - Texas Instruments AMC7832IPAP Datasheet HTML 17Page - Texas Instruments AMC7832IPAP Datasheet HTML 18Page - Texas Instruments AMC7832IPAP Datasheet HTML 19Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 70 page
background image
±1.0
±0.8
±0.6
±0.4
±0.2
0.0
0.2
0.4
0.6
0.8
1.0
0
512
1024
1536
2048
2560
3072
3584
4096
Code
A11
A10
A9
A8
B7
B6
C0
C1
D2
D3
D4
D5
C001
±1.0
±0.8
±0.6
±0.4
±0.2
0.0
0.2
0.4
0.6
0.8
1.0
0
512
1024
1536
2048
2560
3072
3584
4096
Code
A11
A10
A9
A8
B7
B6
C0
C1
D2
D3
D4
D5
C001
±1.0
±0.8
±0.6
±0.4
±0.2
0.0
0.2
0.4
0.6
0.8
1.0
0
512
1024
1536
2048
2560
3072
3584
4096
Code
A11
A10
A9
A8
B7
B6
C0
C1
D2
D3
D4
D5
C001
±1.0
±0.8
±0.6
±0.4
±0.2
0.0
0.2
0.4
0.6
0.8
1.0
0
512
1024
1536
2048
2560
3072
3584
4096
Code
C0
A11
A10
A9
A8
B7
B6
C1
D2
D3
D4
D5
C001
±1.0
±0.8
±0.6
±0.4
±0.2
0.0
0.2
0.4
0.6
0.8
1.0
0
512
1024
1536
2048
2560
3072
3584
4096
Code
A11
A10
A9
A8
B7
B6
C0
C1
D2
D3
D4
D5
C001
±1.0
±0.8
±0.6
±0.4
±0.2
0.0
0.2
0.4
0.6
0.8
1.0
0
512
1024
1536
2048
2560
3072
3584
4096
Code
A11
A10
A9
A8
B7
B6
C0
C1
D2
D3
D4
D5
C001
AMC7832
www.ti.com
SLAS836 – MARCH 2014
7.7 Typical Characteristics: DAC
T = 25°C, 0V to 10V range
T = 25°C, 0V to 10V range
Figure 4. Linearity Error vs Code
Figure 3. Differential Linearity Error vs Code
T = 25°C, -10V to 0V range
T = 25°C, -10V to 0V range
Figure 5. Differential Linearity Error vs Code
Figure 6. Linearity Error vs Code
T = 25°C, 0V to 5V range
T = 25°C, 0V to 5V range
Figure 7. Differential Linearity Error vs Code
Figure 8. Linearity Error vs Code
Copyright © 2014, Texas Instruments Incorporated
Submit Documentation Feedback
15
Product Folder Links: AMC7832



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com