Electronic Components Datasheet Search
  English  ▼

X  

RS0022 Datasheet(PDF) 2 Page - Solid States Devices, Inc

Part # RS0022
Description  Schottky Silicon Carbide Centertap Rectifier
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SSDI [Solid States Devices, Inc]
Direct Link  http://www.ssdi-power.com
Logo SSDI - Solid States Devices, Inc

RS0022 Datasheet(HTML) 2 Page - Solid States Devices, Inc

  RS0022 Datasheet HTML 1Page - Solid States Devices, Inc RS0022 Datasheet HTML 2Page - Solid States Devices, Inc  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Solid State Devices, Inc.
14830 Valley View Blvd * La Mirada, Ca 90638
Phone: (562) 404-7855 * Fax: (562) 404-1773
ssdi@ssdi-power.com * www.ssdi-power.com
World’s First Silicon Carbide
Centertap Rectifier
SSR04C60CT Series
Electrical Characteristic (Per Leg)
Symbol
Min
Typ
Max
Units
Instantaneous Forward Voltage Drop
(If = 2A, Tj = 25ºC, 300 – 500 µsec pulse)
Vf1
––
1.80
1.94
Volts
Instantaneous Forward Voltage Drop
(If = 2A, Tj = 150ºC, 300 – 500 µsec pulse)
Vf2
––
2.35
2.60
Volts
Instantaneous Forward Voltage Drop
(If = 2A, Tj = -55ºC, 300 – 500 µsec pulse)
Vf3
––
1.90
2.10
Volts
Reverse Leakage Current
(Vr = Rated Vr, Tj = 25ºC, 300 µsec min pulse)
Ir1
––
100
200
µA
Reverse Leakage Current
(Vr = Rated Vr, Tj = 150ºC, 300 µsec min pulse)
Ir2
––
400
1000
µA
Junction Capacitance
(Vr=10 Vdc, Tc=25ºC, f=1MHz)
Cj
––
45
––
pF
Total Capacitive Charge
(VR = 400V, IF = 5A, di/dt = 200A/µs, TJ = 150ºC)
Qc
––
5
––
nC
NOTES:
1/ For Ordering Information, Price, and Availability Contact Factory.
2/ For Package Outlines Contact Factory.
3/ All Electrical Characteristics @25oC Unless Otherwise Specified.
4/ For Soldering Consideration Consult Factory, if High Temperature Operation is Desired.
Available Part Numbers:
SSR04C50CTS.5
SSR04C50CT/39
SSR04C60CTS.5
SSR04C60CT/39
PIN ASSIGNMENT
Package
Pin 1
Pin 2
Pin 3
SMD .5 (S.5)
Cathode
Anode
Anode
TO-39 (/39)
Anode
Anode
Cathode



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com