Electronic Components Datasheet Search
  English  ▼

X  

RS0022 Datasheet(PDF) 1 Page - Solid States Devices, Inc

Part # RS0022
Description  Schottky Silicon Carbide Centertap Rectifier
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SSDI [Solid States Devices, Inc]
Direct Link  http://www.ssdi-power.com
Logo SSDI - Solid States Devices, Inc

RS0022 Datasheet(HTML) 1 Page - Solid States Devices, Inc

  RS0022 Datasheet HTML 1Page - Solid States Devices, Inc RS0022 Datasheet HTML 2Page - Solid States Devices, Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Solid State Devices, Inc.
14830 Valley View Blvd * La Mirada, Ca 90638
Phone: (562) 404-7855 * Fax: (562) 404-1773
ssdi@ssdi-power.com * www.ssdi-power.com
DESIGNER’S DATA SHEET
Part Number / Ordering Information 1/
SSR04C 60 CT S.5 TX
│
│
│
│
│
│
│
│
│
│
│
│
│
│
│
└ Screening __ = Not Screened
TV = TX Level
TXV= TXV Level
S
= S Level
│
│
│
│
│
│
└
Package 2/ S.5 = SMD.5
/39 = Low Profile TO-39
│
│
└
Configuration CT = Centertap
└
Voltage 50 = 500 V
60 = 600 V
World’s First Silicon Carbide
Centertap Rectifier
SSR04C60CT Series
4A / 600V
Schottky Silicon Carbide
Centertap Rectifier
Features:
• World's First Hermetic SiC Centertap Rectifier
• High Voltage, 600V
• Very High Operating Temperature, 250ºC
• No Recovery Time (tfr or trr)
• High Current Operation, 4A
• Hermetically Sealed Packaging
• TX, TXV, S Level screening available
Maximum Ratings
Symbol
Value
Units
Peak Repetitive and Peak Surge Reverse Voltage
SSR04C50
SSR04C60
VRRM
VRSM
500
600
Volts
Average Rectified Forward Current
(Resistive Load, 60 Hz Sine Wave)
Per Leg
Total
Io
2
4
Amps
Non Repetitive Peak Surge Current
(8.3 ms Pulse, Half Sine Wave Superimposed on IO, per leg)
IFSM
4
Amps
Power Dissipation
Free Air, TA = 25ºC
Heatsunk, TC = 25ºC
PD
1.3
5
Watts
Operating & Storage Temperature 4/
Top & Tstg
-55 to +250
ºC
Maximum Thermal Resistance
Junction to Case
Junction to Ambient
Junction to Case
RθJC
175
45
ºC/W
1
TO-39 (/39)
SMD .5 (S.5)
NOTE: All specifications are subject to change without notification.
SCD's for these devices should be reviewed by SSDI prior to release.
DATA SHEET #: RS0022B
DOC


Similar Part No. - RS0022

ManufacturerPart #DatasheetDescription
logo
Solid States Devices, I...
RS0022 SSDI-RS0022_15 Datasheet
144Kb / 2P
Schottky Silicon Carbide Centertap Rectifier
More results

Similar Description - RS0022

ManufacturerPart #DatasheetDescription
logo
Solid States Devices, I...
SSR24C60CT SSDI-SSR24C60CT_1 Datasheet
72Kb / 2P
Schottky Silicon Carbide Centertap Rectifier
SSR50C60CT SSDI-SSR50C60CT Datasheet
74Kb / 2P
SCHOTTKY SILICON CARBIDE CENTERTAP RECTIFIER
RC0140B SSDI-RC0140B Datasheet
74Kb / 2P
SCHOTTKY SILICON CARBIDE CENTERTAP RECTIFIER
RS0024 SSDI-RS0024 Datasheet
146Kb / 2P
Schottky Silicon Carbide Centertap Rectifier
RS0028E SSDI-RS0028E Datasheet
131Kb / 3P
Schottky Silicon Carbide Centertap Rectifier
RS0020J SSDI-RS0020J_15 Datasheet
115Kb / 3P
Schottky Silicon Carbide Centertap Rectifier
RS0022 SSDI-RS0022_15 Datasheet
144Kb / 2P
Schottky Silicon Carbide Centertap Rectifier
RS0028E SSDI-RS0028E_15 Datasheet
131Kb / 3P
Schottky Silicon Carbide Centertap Rectifier
SH0029E SSDI-SH0029E_15 Datasheet
106Kb / 2P
Schottky Silicon Carbide Centertap Rectifier
SH0082A SSDI-SH0082A_15 Datasheet
146Kb / 3P
SCHOTTKY SILICON CARBIDE CENTERTAP RECTIFIER
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com