Electronic Components Datasheet Search
  English  ▼

X  

RS0071 Datasheet(PDF) 2 Page - Solid States Devices, Inc

Part # RS0071
Description  POSITIVE CENTERTAP SCHOTTKY RECTIFIER
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SSDI [Solid States Devices, Inc]
Direct Link  http://www.ssdi-power.com
Logo SSDI - Solid States Devices, Inc

RS0071 Datasheet(HTML) 2 Page - Solid States Devices, Inc

  RS0071 Datasheet HTML 1Page - Solid States Devices, Inc RS0071 Datasheet HTML 2Page - Solid States Devices, Inc  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
ELECTRICAL CHARACTERISTICS (Per Leg)
Symbol
Max
Unit
Instantaneous Forward Voltage Drop
(TA = 25
°C, Pulse)
IF = 3 Amps
IF = 5 Amps
IF = 10 Amps
VF1
VF2
VF3
0.7
0.72
0.80
Volts
Instantaneous Forward Voltage Drop
(IF = 5 Amps, TA = -55
°C, Pulse)
VF4
0.85
Volts
Reverse Leakage Current
(Rated VR, TA = 25
°C, Pulse)
IR1
100
µA
Reverse Leakage Current
(Rated VR, TA = 100
°C, Pulse)
IR2
5
mA
Junction Capacitance
(VR =10 VDC, TA = 25
°C, f = 1 MHz)
CJ
400
pF
CASE OUTLINE:
TO-3
PIN OUT: SSR2010CT/3
(Common Cathode)
CASE: CATHODE
PIN 1: ANODE 1
PIN 2: ANODE 2
PIN OUT: SSR2010CA/3
(Common Anode)
CASE: ANODE
PIN 1: CATHODE 1
PIN 2: CATHODE 2
PIN OUT: SSR1010D/3
(Doubler)
CASE: AC
PIN 1: ANODE
PIN 2: CATHODE
NOTE: All specifications are subject to change without notification.
SCD's for these devices should be reviewed by SSDI prior to release.
DATA SHEET #: RS0071C
DOC
Solid State Devices, Inc.
14701 Firestone Blvd * La Mirada, Ca 90638
Phone: (562) 404-4474 * Fax: (562) 404-1773
ssdi@ssdi-power.com * www.ssdi-power.com
SSR2010CT/3



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com