Electronic Components Datasheet Search
  English  ▼

X  

RS0071 Datasheet(PDF) 1 Page - Solid States Devices, Inc

Part # RS0071
Description  POSITIVE CENTERTAP SCHOTTKY RECTIFIER
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SSDI [Solid States Devices, Inc]
Direct Link  http://www.ssdi-power.com
Logo SSDI - Solid States Devices, Inc

RS0071 Datasheet(HTML) 1 Page - Solid States Devices, Inc

  RS0071 Datasheet HTML 1Page - Solid States Devices, Inc RS0071 Datasheet HTML 2Page - Solid States Devices, Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Solid State Devices, Inc.
14701 Firestone Blvd * La Mirada, Ca 90638
Phone: (562) 404-4474 * Fax: (562) 404-1773
ssdi@ssdi-power.com * www.ssdi-power.com
Designer’s Data Sheet
FEATURES:
• PIV: 100 Volts
• Low Forward Voltage Drop
• Low Reverse Leakage
• Hermetically Sealed Package
• Guard Ring for Overvoltage Protection
• Available in Isolated and Non-isolated versions
• Eutectic Die Attach
• 175°C Operating Temperature
• Also Available in the following Configurations:
Common Anode: SSR2010CA/3
Doubler: SSR1010D/3
• TX, TXV, and Space Level Screening Available
SSR2010CT/3
20 AMPS
100 VOLTS
POSITIVE CENTERTAP
SCHOTTKY
RECTIFIER
TO-3
MAXIMUM RATINGS
Symbol
Value
Units
Peak Repetitive Reverse Voltage
and DC Blocking Voltage
SSR2010CT/3
VRRM
VRWM
VR
100
Volts
Average Rectified Forward Current 1/
(Resistive Load, 60 Hz, Sine Wave, TA=25
°C)
IO
20
Amps
Peak Surge Current 1/
(8.3 ms Pulse, Half Sine Wave Superimposed on IO, allow junction to
reach equilibrium between pulses, TA=25
°C)
IFSM
300
Amps
Operating and Storage Temperature
TOP & Tstg
-65 to +175
°C
Maximum Thermal Resistance 1/
Junction to Case
RθJC
1.2
°C/W
Notes: 1/ Both Legs Tied Together.
NOTE: All specifications are subject to change without notification.
SCD's for these devices should be reviewed by SSDI prior to release.
DATA SHEET #: RS0071C
DOC


Similar Part No. - RS0071

ManufacturerPart #DatasheetDescription
logo
Solid States Devices, I...
RS0071 SSDI-RS0071_15 Datasheet
154Kb / 2P
POSITIVE CENTERTAP SCHOTTKY RECTIFIER
More results

Similar Description - RS0071

ManufacturerPart #DatasheetDescription
logo
Solid States Devices, I...
SSR2060CTM SSDI-SSR2060CTM_1 Datasheet
180Kb / 2P
POSITIVE CENTERTAP SCHOTTKY RECTIFIER
RS0025 SSDI-RS0025 Datasheet
47Kb / 2P
POSITIVE CENTERTAP SCHOTTKY RECTIFIER
RS0061 SSDI-RS0061 Datasheet
38Kb / 2P
POSITIVE CENTERTAP SCHOTTKY RECTIFIER
RS0025 SSDI-RS0025_15 Datasheet
47Kb / 2P
POSITIVE CENTERTAP SCHOTTKY RECTIFIER
RS0033 SSDI-RS0033_15 Datasheet
229Kb / 2P
POSITIVE CENTERTAP SCHOTTKY RECTIFIER
RS0061 SSDI-RS0061_15 Datasheet
38Kb / 2P
POSITIVE CENTERTAP SCHOTTKY RECTIFIER
RS0067E SSDI-RS0067E_15 Datasheet
115Kb / 2P
POSITIVE CENTERTAP SCHOTTKY RECTIFIER
RS0097 SSDI-RS0097_15 Datasheet
151Kb / 2P
POSITIVE CENTERTAP SCHOTTKY RECTIFIER
RS0163 SSDI-RS0163_15 Datasheet
215Kb / 2P
POSITIVE CENTERTAP SCHOTTKY RECTIFIER
RS0275 SSDI-RS0275_15 Datasheet
180Kb / 2P
POSITIVE CENTERTAP SCHOTTKY RECTIFIER
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com