Electronic Components Datasheet Search
  English  ▼

X  

DIP162-DHNLED Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # DIP162-DHNLED
Description  LCD-MODULE 2x16 - 6.68mm
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

DIP162-DHNLED Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  DIP162-DHNLED Datasheet HTML 1Page - List of Unclassifed Manufacturers DIP162-DHNLED Datasheet HTML 2Page - List of Unclassifed Manufacturers DIP162-DHNLED Datasheet HTML 3Page - List of Unclassifed Manufacturers DIP162-DHNLED Datasheet HTML 4Page - List of Unclassifed Manufacturers DIP162-DHNLED Datasheet HTML 5Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
LCD-MODULE 2x16 - 6.68mm
INCL. CONTROLLER HD44780
3.2008
Zeppelinstraße 19 · D-82205 Gilching · Phone +49-(0)8105-778090 · Fax +49-(0)8105-778099 · www.lcd-module.de · info@lcd-module.de
no mounting
required
EA DIP162-DHNLED
68 x 27 x 11 mm
EA DIP162-DN3LW
75 x 27 x 11 mm
EA DIP162J-DN3LW
75 x 27 x 11 mm
FEATURES
* HIGH CONTRAST LCD SUPERTWIST DISPLAY
* EA DIP162-DNLED: YELLOW/GREEN WITH LED BACKLIGHT
* EA DIP162-DN3LW AND DIP162J-DN3LW WITH WHITE LED B/L., LOW POWER
* INCL. HD 44780 OR COMPATIBLE CONTROLLER
* INTERFACE FOR 4- AND 8-BIT DATA BUS
* POWER SUPPLY
+5V OR ±2.7V OR ±3.3V
* OPERATING TEMPERATURE 0~+50°C (-DN3LW, -DHNLED: -20~+70°C)
* LED BACKLIGHT Y/G max. 150mA@+25°C
* LED BACKLIGHT WHITE max. 45mA@+25°C
* SOME MORE MODULES WITH SAME MECHANIC AND SAME PINOUT:
-DOTMATRIX 1x8, 4x20
-GRAPHIC 122x32
* NO SCREWS REQUIRED: SOLDER ON IN PCB ONLY
* DETACHABLE VIA 9-PIN SOCKET EA B200-9 (2 PCS. REQUIRED)
ORDERING INFORMATION
LCD MODULE 2x16 - 6.68mm WITH BACKLIGHT Y/G
EA DIP162-DNLED
SAME BUT WITH T
OP. -20..+70°C INCL. TEMP. COMPENSATION
EA DIP162-DHNLED
SAME IN BLUE-WHITE OPTIC, T
OP. -20..+70°C INCL. TEMP. COMP.
EA DIP162-DN3LW
SAME IN BLACK&WHITE, T
OP. -20..+70°C INCL. TEMP. COMP.
EA DIP162J-DN3LW
9-PIN SOCKET, HEIGHT 4.3mm (1 PC.)
EA B200-9
SUITABLE BEZEL (WINDOW 60.0x14.8 mm)
EA 017-2UKE
ADAPTOR PCB WITH STANDARD PINOUT PITCH 2.54mm
EA 9907-DIP


Similar Part No. - DIP162-DHNLED

ManufacturerPart #DatasheetDescription
logo
Sensata Technologies, I...
DIP16-08-008A SENSATA-DIP16-08-008A Datasheet
90Kb / 2P
FRAMELESS BRUSHLESS DC (BLDC) MOTORS
DIP16-08-008A SENSATA-DIP16-08-008A Datasheet
85Kb / 1P
FRAMELESS BRUSHLESS DC (BLDC) MOTORS
Rev. 04/01/2024
More results

Similar Description - DIP162-DHNLED

ManufacturerPart #DatasheetDescription
logo
AZ Displays
AGM1212C AZDISPLAYS-AGM1212C Datasheet
584Kb / 13P
LCD MODULE
AGM1532A AZDISPLAYS-AGM1532A Datasheet
356Kb / 11P
LCD MODULE
AGM2464D AZDISPLAYS-AGM2464D Datasheet
545Kb / 14P
LCD MODULE
AGM3224G AZDISPLAYS-AGM3224G Datasheet
448Kb / 13P
LCD MODULE
AGM4832C AZDISPLAYS-AGM4832C Datasheet
430Kb / 14P
LCD MODULE
logo
List of Unclassifed Man...
TM242ADA6 ETC-TM242ADA6 Datasheet
310Kb / 23P
LCD MODULE
DEM16101H ETC-DEM16101H Datasheet
203Kb / 15P
LCD MODULE
logo
Purdy Electronics Corpo...
AND3222MST2 PURDY-AND3222MST2 Datasheet
187Kb / 4P
LCD Module
logo
Sharp Corporation
LS027B7DH01 SHARP-LS027B7DH01 Datasheet
777Kb / 32P
LCD Module
logo
List of Unclassifed Man...
EADIP162-DNLED ETC2-EADIP162-DNLED Datasheet
276Kb / 5P
LCD-MODULE 2x16 - 6.68mm INCL. CONTROLLER HD44780
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com