Electronic Components Datasheet Search
  English  ▼

X  

DIP162-DHNLED Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # DIP162-DHNLED
Description  LCD-MODULE 2x16 - 6.68mm
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

DIP162-DHNLED Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  DIP162-DHNLED Datasheet HTML 1Page - List of Unclassifed Manufacturers DIP162-DHNLED Datasheet HTML 2Page - List of Unclassifed Manufacturers DIP162-DHNLED Datasheet HTML 3Page - List of Unclassifed Manufacturers DIP162-DHNLED Datasheet HTML 4Page - List of Unclassifed Manufacturers DIP162-DHNLED Datasheet HTML 5Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
EA DIP162-D
Page 2
Specifications may be changed without
prior notice. Printing error reserved
Pinout
Pin Symbol Level Function
Pin
Symbol Level Function
1
VSS
L
Power Supply 0V (GND)
10
D3
H/ L
Display Data
2
VDD
H
Power Supply +5V
11
D4 (D0)
H/ L
Display Data
3
VEE
-
Contrast adjust. (about 0V)
12
D5 (D1)
H/ L
Display Data
4
RS
H/ L
H=Command, L=Data
13
D6 (D2)
H/ L
Display Data
5
R/W
H/ L
H=Read, L=Write
14
D7 (D3)
H/ L
Display Data, MSB
6
E
H
Enable (falling edge)
15
-
-
NC (see EA DIP122-5N)
7
D0
H/ L
Display Data, LSB
16
-
-
NC (see EA DIP122-5N)
8
D1
H/ L
Display Data
17
A
-
LED B/L+ Resistor required
9
D2
H/ L
Display Data
18
C
-
LED B/L -
Contrast Adjustment
Contrast voltage for all displays of EA DIP162-D series is typ. 5V. That means
that for 3.3V operation an additional negative voltage of min. 1.7V is required.
Display modules for -20..+70°C are equipped with an on-board temperature compensation. So
there's no more need for contrast adjustment while operation anymore.
Backlight
Using the LED backlight requires an current source or external current-limiting resistor. Forward
voltage for yellow/green backlight is 3.9~4.2V and for white LED backlight 3.0~3.6V. Please take
care of derating for T
a>+25°C
Note: Do never drive backlight direct to 5V; immediately damage my happen !
Character set
Character set shown below is already built in. In addition to that you are able to define up to 8
characters by yoursself.
5V operation
3.3V operation



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com