Electronic Components Datasheet Search
  English  ▼

X  

2N692 Datasheet(PDF) 4 Page - Microsemi Corporation

Part # 2N692
Description  PNPN SILICON, REVERSE-BLOCKING, POWER TRIODE THYRISTORS
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

2N692 Datasheet(HTML) 4 Page - Microsemi Corporation

  2N692 Datasheet HTML 1Page - Microsemi Corporation 2N692 Datasheet HTML 2Page - Microsemi Corporation 2N692 Datasheet HTML 3Page - Microsemi Corporation 2N692 Datasheet HTML 4Page - Microsemi Corporation 2N692 Datasheet HTML 5Page - Microsemi Corporation 2N692 Datasheet HTML 6Page - Microsemi Corporation  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
T4-LDS-0249, Rev. 1 (120183)
©2011 Microsemi Corporation
Page 4 of 6
2N682, 2N683, 2N685 – 2N692
and 2N5206
ELECTRICAL CHARACTERISTICS (continued)
Parameters / Test Conditions
Symbol
Min.
Max.
Unit
Reverse blocking current (TC = +120 ºC)
AC method, bias condition D;
f = 60 Hz; VRRM = rated
IRRM2
5
mA (pk)
Forward blocking current (TC = +120 ºC)
AC method, bias condition D;
f = 60 Hz; VDRM = rated
IDRM2
5
mA (pk)
Gate trigger voltage (TC = +120 ºC; Re = 20
Ω
max)
V2 = VDM = 50 V; RL
= 140 Ω
V2 = VDM = 100 V; RL
= 140 Ω
V2 = VDM = 200 V; RL
= 140 Ω
V2 = VDM = 250 V; RL
= 650 Ω
V2 = VDM = 300 V; RL
= 650 Ω
V2 = VDM = 400 V; RL
= 3 k Ω
V2 = VDM = 500 V; RL
= 3 k Ω
V2 = VDM = 600 V; RL
= 3 k Ω
V2 = VDM = 700 V; RL
= 3 k Ω
V2 = VDM = 800 V; RL
= 3 k Ω
V = V
= 1 000 V; R
= 3 k Ω
2N682
2N683
2N685
2N686
2N687
2N688
2N689
2N690
2N691
2N692
2N5206
VGT2
.25
V
Reverse blocking current (TC = -65 ºC)
AC method, bias condition D;
f = 60 Hz; VRRM = rated
IRRM3
2
mA (pk)
Forward blocking current (TC = -65 ºC)
AC method, bias condition D;
f = 60 Hz; VDRM = rated
IDRM3
2
mA (pk)
Gate trigger voltage and current (TC = -65 ºC)
V2 = VD = 6 V; RL
= 50 Ω;
Re
= 20 Ω maximum
VGT3
IGT2
3
80
V
mA
Exponential rate of voltage rise
Bias condition D; TC = +120°C minimum,
dv/dt = 25 v/μs; repetition rate = 60 pps;
test duration = 15 s;
C = 1.0 μF; R
L
= 50 Ω
VAA = 50 V
VAA = 100 V
VAA = 200 V
VAA = 250 V
VAA = 300 V
VAA = 400 V
VAA = 500 V
VAA = 600 V
VAA = 700 V
VAA = 800 V
VAA = 1,000 V
2N682
2N683
2N685
2N686
2N687
2N688
2N689
2N690
2N691
2N692
2N5206
VD
47
95
190
240
285
380
475
570
665
760
950
V



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com