Electronic Components Datasheet Search
  English  ▼

X  

2N692 Datasheet(PDF) 5 Page - Microsemi Corporation

Part # 2N692
Description  PNPN SILICON, REVERSE-BLOCKING, POWER TRIODE THYRISTORS
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

2N692 Datasheet(HTML) 5 Page - Microsemi Corporation

  2N692 Datasheet HTML 1Page - Microsemi Corporation 2N692 Datasheet HTML 2Page - Microsemi Corporation 2N692 Datasheet HTML 3Page - Microsemi Corporation 2N692 Datasheet HTML 4Page - Microsemi Corporation 2N692 Datasheet HTML 5Page - Microsemi Corporation 2N692 Datasheet HTML 6Page - Microsemi Corporation  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
T4-LDS-0249, Rev. 1 (120183)
©2011 Microsemi Corporation
Page 5 of 6
2N682, 2N683, 2N685 – 2N692
and 2N5206
ELECTRICAL CHARACTERISTICS (continued)
Parameters / Test Conditions
Symbol
Min.
Max.
Unit
Circuit-commutated turn-off time
TC = +120°C minimum; ITM = 10 A;
ton
= 100 ±50 μs; di/dt = 5 A/μs minimum;
di/dt = 8 A/μs maximum; reverse voltage at t
1 = 15 V minimum;
repetition rate = 60 pps maximum; di/dt = 20 V/μs;
gate bias conditions; gate source voltage = 0 V;
gate source resistance = 100 Ω
VDM = VDRM = 50 V (pk); VRRM = 50 V maximum
VDM = VDRM = 100 V (pk); VRRM = 100 V maximum
VDM = VDRM = 200 V (pk); VRRM = 200 V maximum
VDM = VDRM = 250 V (pk); VRRM = 250 V maximum
VDM = VDRM = 300 V (pk); VRRM = 300 V maximum
VDM = VDRM = 400 V (pk); VRRM = 400 V maximum
VDM = VDRM = 500 V (pk); VRRM = 500 V maximum
VDM = VDRM = 600 V (pk); VRRM = 600 V maximum
VDM = VDRM = 700 V (pk); VRRM = 700 V maximum
VDM = VDRM = 800 V (pk); VRRM = 800 V maximum
VDM = VDRM = 1,000 V (pk); VRRM = 1,000 V max.
2N682
2N683
2N685
2N686
2N687
2N688
2N689
2N690
2N691
2N692
2N5206
toff
30
30
30
30
30
30
40
40
60
60
60
µs
Gate controlled turn-on time
VAA = 50 V for 2N682
VAA = 100 V for 2N683, 2N685 through 2N692
and 2N5206
ITM = 10 A; VGG = 10 V; Re = 25
Ω
tp1
= 15 ±5 μs; 4 A/μs ≤ di/dt ≤ 200 A/μs.
2N682,
2N683,
2N685
through
2N692 and
2N5206
ton
5
µs



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com