Electronic Components Datasheet Search
  English  ▼

X  

2N4401 Datasheet(PDF) 1 Page - General Semiconductor

Part # 2N4401
Description  SMALL SIGNAL TRANSISTORS NPN
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GE [General Semiconductor]
Direct Link  http://www.vishay.com
Logo GE - General Semiconductor

2N4401 Datasheet(HTML) 1 Page - General Semiconductor

  2N4401 Datasheet HTML 1Page - General Semiconductor 2N4401 Datasheet HTML 2Page - General Semiconductor 2N4401 Datasheet HTML 3Page - General Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
2N4401
SMALL SIGNAL TRANSISTORS (NPN)
FEATURES
¨ NPN Silicon Epitaxial Planar Transistor
for switching and amplifier applications.
¨ As complementary type, the PNP
transistor 2N4403 is recommended.
¨ On special request, this transistor is
also manufactured in the pin
configuration TO-18.
¨ This transistor is also available in the
SOT-23 case with the type designation
MMBT4401
MECHANICAL DATA
Case: TO-92 Plastic Package
Weight: approx. 0.18g
MAXIMUM RATINGS AND THERMAL CHARACTERISTICS
Ratings at 25¡C ambient temperature unless otherwise specified
SYMBOL
VALUE
UNIT
Collector-Base Voltage
VCBO
60
Volts
Collector-Emitter Voltage
VCEO
40
Volts
Emitter-Base Voltage
VEBO
6.0
Volts
Collector Current-Continuous
IC
600
mA
Power Dissipation at TA=25
°C
Ptot
625
mW
Derate above 25
°C
5.0
mW/
°C
Power Dissipation at TC=25
°C
Ptot
1.5
W
Derate above 25
°C
12
mW/
°C
Thermal Resistance, Junction to Ambient Air
RQJA
200
°C/W
Thermal Resistance Junction to Case
RQJC
83.3
¡C/W
Junction Temperature
Tj
150
¡C
Storage Temperature Range
TS
Ð55 to +150
¡C
0.181 (4.6)
0.142 (3.6)
0.098 (2.5)
max.
Æ 0.022 (0.55)
E
C
B
TO-92
2/17/99
Dimensions in inches and (millimeters)
ADVANCED INFORMATION
ADVANCED INFORMATION


Similar Part No. - 2N4401

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
2N4401 ONSEMI-2N4401 Datasheet
303Kb / 6P
General Purpose Transistors(NPN Silicon)
1996 REV 1
logo
NXP Semiconductors
2N4401 PHILIPS-2N4401 Datasheet
46Kb / 8P
NPN switching transistor
1999 Apr 23
logo
Rohm
2N4401 ROHM-2N4401 Datasheet
80Kb / 3P
NPN Medium Power Transistor
logo
Semtech Corporation
2N4401 SEMTECH-2N4401 Datasheet
209Kb / 3P
NPN EXPITAXIAL SILICON TRANSISTOR
logo
Fairchild Semiconductor
2N4401 FAIRCHILD-2N4401 Datasheet
29Kb / 2P
NPN General Purpose Amplifier
More results

Similar Description - 2N4401

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
2N5320 STMICROELECTRONICS-2N5320 Datasheet
67Kb / 4P
SMALL SIGNAL NPN TRANSISTORS
Jun-1997
logo
General Semiconductor
2N3904 GE-2N3904 Datasheet
112Kb / 3P
SMALL SIGNAL TRANSISTORS NPN
2N4124 GE-2N4124 Datasheet
210Kb / 5P
Small Signal Transistors (NPN)
BC337 GE-BC337 Datasheet
224Kb / 5P
Small Signal Transistors (NPN)
BC546 GE-BC546 Datasheet
263Kb / 6P
Small Signal Transistors (NPN)
MMBTA06 GE-MMBTA06 Datasheet
56Kb / 2P
Small Signal Transistors (NPN)
logo
STMicroelectronics
BC847C STMICROELECTRONICS-BC847C Datasheet
57Kb / 4P
SMALL SIGNAL NPN TRANSISTORS
Jun-2002
logo
Micro Commercial Compon...
DMMT3904 MCC-DMMT3904 Datasheet
217Kb / 4P
NPN Small Signal Transistors
MMST3904 MCC-MMST3904 Datasheet
78Kb / 3P
NPN Small Signal Transistors
MMST5551 MCC-MMST5551_13 Datasheet
235Kb / 2P
NPN Small Signal Transistors
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com