Electronic Components Datasheet Search
  English  ▼

X  

2N4401 Datasheet(PDF) 2 Page - General Semiconductor

Part # 2N4401
Description  SMALL SIGNAL TRANSISTORS NPN
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GE [General Semiconductor]
Direct Link  http://www.vishay.com
Logo GE - General Semiconductor

2N4401 Datasheet(HTML) 2 Page - General Semiconductor

  2N4401 Datasheet HTML 1Page - General Semiconductor 2N4401 Datasheet HTML 2Page - General Semiconductor 2N4401 Datasheet HTML 3Page - General Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
2N4401
ELECTRICAL CHARACTERISTICS
Ratings at 25¡C ambient temperature unless otherwise specified
SYMBOL
MIN.
MAX.
UNIT
Collector-Base Breakdown Voltage
at IC = 0.1 mA, IE = 0
V(BR)CBO
60
Ð
Volts
Collector-Emitter Breakdown Voltage(1)
at IC = 1 mA, IB = 0
V(BR)CEO
40
Ð
Volts
Emitter-Base Breakdown Voltage
at IE = 0.1 mA, IC = 0
V(BR)EBO
6.0
Ð
Volts
Collector-Emitter Saturation Voltage(1)
at IC = 150 mA, IB = 15 mA
VCEsat
Ð
0.40
Volts
at IC = 500 mA, IB = 50 mA
VCEsat
Ð
0.75
Volts
Base-Emitter Saturation Voltage(1)
at IC = 150 mA, IB = 15 mA
VBEsat
0.75
0.95
Volts
at IC = 500 mA, IB = 50 mA
VBEsat
Ð
1.20
Volts
Collector Cutoff Current
ICEX
Ð
100
nA
at VEB = 0.4 V, VCE = 35 V
Base Cutoff Current
at VEB = 0.4 V, VCE = 35 V
IBEV
Ð
100
nA
DC Current Gain
at VCE = 1 V, IC = 0.1 mA
hFE
20
Ð
Ð
at VCE = 1 V, IC = 1 mA
hFE
40
Ð
Ð
at VCE = 1 V, IC = 10 mA
hFE
80
Ð
Ð
at VCE = 1 V, IC = 150 mA
(1)
hFE
100
300
Ð
at VCE = 2 V, IC = 500 mA
(1)
hFE
40
Ð
Ð
Input Impedance
at VCE = 10 V, IC = 1 mA, f = 1 kHz
hie
1.0
15
k
W
Voltage Feedback Ratio
at VCE = 10 V, IC = 1 mA, f = 1 kHz
hre
0.1 ¥ 10-4
8 ¥ 10-4
Ð
Current Gain-Bandwidth Product
at VCE = 10 V, IC = 20 mA, f = 100 MHz
fT
250
Ð
MHz
Collector-Base Capacitance
at VCB = 5 V, IE=0, f=1.0 MHZ
CCBO
Ð
6.5
pF
Emitter-Base Capacitance
at VEB = 0.5 V, IC=0, f=1.0 MHZ
CEBO
Ð30
pF
NOTES
(1) Pulse test: Pulse width ² 300
ms - Duty cycle ² 2%



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com