Electronic Components Datasheet Search
  English  ▼

X  

ADS8317 Datasheet(PDF) 22 Page - Texas Instruments

Part # ADS8317
Description  16-Bit, High-Speed, 2.7V to 5.5V microPower Sampling ANALOG-TO-DIGITAL CONVERTER
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

ADS8317 Datasheet(HTML) 22 Page - Texas Instruments

Back Button ADS8317_14 Datasheet HTML 18Page - Texas Instruments ADS8317_14 Datasheet HTML 19Page - Texas Instruments ADS8317_14 Datasheet HTML 20Page - Texas Instruments ADS8317_14 Datasheet HTML 21Page - Texas Instruments ADS8317_14 Datasheet HTML 22Page - Texas Instruments ADS8317_14 Datasheet HTML 23Page - Texas Instruments ADS8317_14 Datasheet HTML 24Page - Texas Instruments ADS8317_14 Datasheet HTML 25Page - Texas Instruments ADS8317_14 Datasheet HTML 26Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 36 page
background image
ADS8317
SBAS356D – JUNE 2007 – REVISED OCTOBER 2009 .................................................................................................................................................... www.ti.com
Short Cycling
POWER DISSIPATION
Another way to save power is to use the CS signal to
The architecture of the converter, the semiconductor
short-cycle the conversion. The ADS8317 places the
fabrication process, and a careful design allow the
latest data bit on the DOUT line as it is generated;
ADS8317 to convert at up to a 250kHz rate while
therefore, the converter can easily be short-cycled.
requiring very little power. However, for the absolute
This term means that the conversion can be
lowest power dissipation, there are several things to
terminated at any time. For example, if only 14 bits of
keep in mind.
the conversion result are needed, then the conversion
The power dissipation of the ADS8317 scales directly
can be terminated (by pulling CS high) after the 14th
with conversion rate. Therefore, the first step to
bit has been clocked out.
achieving the lowest power dissipation is to find the
This technique can also be used to lower the power
lowest conversion rate that satisfies the system
dissipation (or to increase the conversion rate) in
requirements.
those applications where an analog signal is being
In addition, the ADS8317 goes into Power-Down
monitored until some condition becomes true. For
mode under two conditions: when the conversion is
example, if the signal is outside a predetermined
complete and whenever CS is high (see the Timing
range, the full 16-bit conversion result may not be
Characteristics section). Ideally, each conversion
needed. If so, the conversion can be terminated after
should occur as quickly as possible, preferably at a
the first n bits, where n might be as low as 3 or 4.
6.0MHz clock rate. This way, the converter spends
This technique results in lower power dissipation in
the longest possible time in power-down mode. This
both the converter and the rest of the system
is very important because the converter not only uses
because they spend more time in power-down mode.
power on each DCLOCK transition (as is typical for
digital CMOS components), but also uses some
POWER-ON RESET
current
for
the
analog
circuitry,
such
as
the
comparator. The analog section dissipates power
The ADS8317 bias circuit is self-starting. There may
continuously until power-down mode is entered.
be a static current (approximately 1.5mA with VDD =
5V) after power-on, unless the circuit is powered
Figure
9
and
Figure
27
illustrate
the
current
down. It is recommended to run a single test
consumption of the ADS8317 versus sample rate. For
conversion (configured the same as any regular
these graphs, the converter is clocked at maximum
conversion) after the power supply reaches at least
speed regardless of the sample rate. CS is held high
2.4V to ensure the device is put into power-down
during the remaining sample period.
mode.
There
is
an
important
distinction
between
the
power-down mode that is entered after a conversion
is complete and the full power-down mode that is
enabled when CS is high. CS low only shuts down
the analog section. The digital section completely
shuts down only when CS is high. Thus, if CS is left
low at the end of a conversion, and the converter is
continually clocked, the power consumption is not as
low as when CS is high.
22
Submit Documentation Feedback
Copyright © 2007–2009, Texas Instruments Incorporated
Product Folder Link(s): ADS8317



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com