Electronic Components Datasheet Search
  English  ▼

X  

ADS8317 Datasheet(PDF) 24 Page - Texas Instruments

Part # ADS8317
Description  16-Bit, High-Speed, 2.7V to 5.5V microPower Sampling ANALOG-TO-DIGITAL CONVERTER
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

ADS8317 Datasheet(HTML) 24 Page - Texas Instruments

Back Button ADS8317_14 Datasheet HTML 20Page - Texas Instruments ADS8317_14 Datasheet HTML 21Page - Texas Instruments ADS8317_14 Datasheet HTML 22Page - Texas Instruments ADS8317_14 Datasheet HTML 23Page - Texas Instruments ADS8317_14 Datasheet HTML 24Page - Texas Instruments ADS8317_14 Datasheet HTML 25Page - Texas Instruments ADS8317_14 Datasheet HTML 26Page - Texas Instruments ADS8317_14 Datasheet HTML 27Page - Texas Instruments ADS8317_14 Datasheet HTML 28Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 36 page
background image
+IN
ADS8317
1000pF
10W
-IN
0.1mF
5W
CS
D
OUT
DCLOCK
47mF
IN
GND
OUT
0.47mF
REF
V
DD
REF3225
AV
DD
2.7Vto5V
DV
DD
2.7Vto3.6V
V
CM +(0Vto2.5V)
GND
GND
DSP
TMS320C6xx
or
TMS320C5xx
or
TMS320C2xx
0.1mF
10mF
10mF
+
+
OPA350
OPA365
1000pF
10W
V
CM
OPA365
1nF
10W
2.2mF
ADS8317
SBAS356D – JUNE 2007 – REVISED OCTOBER 2009 .................................................................................................................................................... www.ti.com
APPLICATION CIRCUITS
on the supply, as well as any high-frequency noise
Figure 45 shows an example of a basic data
from the supply itself. The exact values should be
acquisition system. The ADS8317 input range is
picked such that the filter provides adequate rejection
connected to 2.5V or 4.096V. The 5
Ω resistor and
of noise. Operational amplifiers and voltage reference
1
μF to 10μF capacitor filters the microcontroller noise
are connected to the analog power supply, AVDD.
Figure 45. Example of a Basic Data Acquisition System
24
Submit Documentation Feedback
Copyright © 2007–2009, Texas Instruments Incorporated
Product Folder Link(s): ADS8317



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com