Electronic Components Datasheet Search
  English  ▼

X  

RS0087 Datasheet(PDF) 2 Page - Solid States Devices, Inc

Part # RS0087
Description  RECTIFER
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SSDI [Solid States Devices, Inc]
Direct Link  http://www.ssdi-power.com
Logo SSDI - Solid States Devices, Inc

RS0087 Datasheet(HTML) 2 Page - Solid States Devices, Inc

  RS0087 Datasheet HTML 1Page - Solid States Devices, Inc RS0087 Datasheet HTML 2Page - Solid States Devices, Inc  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
ELECTRICAL CHARACTERISTICS (per leg)
Symbol
Max
Unit
Instantaneous Forward Voltage Drop
(TA = 25
°C, 300 µs Pulse)
IF = 10 A
IF = 15 A
IF = 20 A
VF1
VF2
VF3
0.8
0.97
1.00
Volts
Instantaneous Forward Voltage Drop
(TA = -55
°C, 300 µs Pulse)
IF = 10 A
VF4
0.93
Volts
Reverse Leakage Current
(Rated VR, 300 µs pulse minimum)
TA = 25
°C
TC = 100
°C
IR1
IR2
200
10
µA
mA
Junction Capacitance
(VR = 10 Vdc, TA = 25
°C, f = 1MHz)
CJ
800
pf
TO-257 with Bent Down Leads
(JDB Suffix)
CASE OUTLINE:
TO-257 (Suffix J)
PIN OUT:
Rectifier Configuration
PIN 1: CATHODE
PIN 2: ANODE
PIN 3: ANODE
NOTE: pins 2 and 3 must be
externally connected together
for optimal performance
TO-257 with Bent Up Leads
(JUB Suffix)
TYPICAL OPERATING CURVES
(TA = 25
oC, Unless Otherwise Specified)
Solid State Devices, Inc.
14701 Firestone Blvd * La Mirada, Ca 90638
Phone: (562) 404-4474 * Fax: (562) 404-1773
ssdi@ssdi-power.com * www.ssdi-power.com
SSR2010J Series
NOTE: All specifications are subject to change without notification.
SCD's for these devices should be reviewed by SSDI prior to release.
DATA SHEET #: RS0087G
DOC



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com