Electronic Components Datasheet Search
  English  ▼

X  

RS0087 Datasheet(PDF) 1 Page - Solid States Devices, Inc

Part # RS0087
Description  RECTIFER
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SSDI [Solid States Devices, Inc]
Direct Link  http://www.ssdi-power.com
Logo SSDI - Solid States Devices, Inc

RS0087 Datasheet(HTML) 1 Page - Solid States Devices, Inc

  RS0087 Datasheet HTML 1Page - Solid States Devices, Inc RS0087 Datasheet HTML 2Page - Solid States Devices, Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Solid State Devices, Inc.
14701 Firestone Blvd * La Mirada, Ca 90638
Phone: (562) 404-4474 * Fax: (562) 404-1773
ssdi@ssdi-power.com * www.ssdi-power.com
Designer’s Data Sheet
FEATURES:
• PIV: 100 Volts
• Average Output Current 25 Amps
• Low Reverse Leakage Current
• Low Forward Voltage Drop
• Guard Ring for Overvoltage Protection
• Isolated Hermetically Sealed Package
• Custom Lead Forming Available
• Eutectic Die Attach
• Ultrasonic Aluminum Wire Bonds
• 175°C Operating Junction Temperature
• TX, TXV, and Space Level Screening Available.
Consult Factory.
SSR2010J Series
20 AMPS
100 VOLTS
SCHOTTKY
RECTIFER
TO-257(J)
MAXIMUM RATINGS 1/
Symbol
Value
Unit
Peak Repetitive Reverse Voltage and
DC Blocking Voltage
VRRM
VRWM
VR
100
Volts
Average Rectified Forward Current 2/
(Resistive Load, 60 Hz, Sine Wave, TA = 25
°C)
IO
20
Amps
Peak Surge Current 2/
(8.3 ms Pulse, Half Sine Wave, Superimposed on Io, Allow Junction to
reach equilibrium between pulses, TA = 25
°C)
IFSM
300
Amps
Operating and Storage Temperature
TOP & Tstg
-65 to +175
°C
Maximum Thermal Resistance 2/
(Junction to Case)
RθJC
1.0
°C/W
Available in the Following Configurations:
Rectifier:
SSR2010J, SSR2010JDB, and SSR2010JUB
Common Cathode Centertap: SSR2010CTJ, SSR2010CTJDB, and SSR2010CTJUB (See Data Sheet RS0073)
Common Anode Centertap: SSR2010CAJ, SSR2010CAJDB, and SSR2010CAJUB (See Data Sheet RS0073)
NOTE:
1/
at room temperature, unless otherwise specified
2/
pins 2 and 3 connected together
NOTE: All specifications are subject to change without notification.
SCD's for these devices should be reviewed by SSDI prior to release.
DATA SHEET #: RS0087G
DOC


Similar Part No. - RS0087

ManufacturerPart #DatasheetDescription
logo
Solid States Devices, I...
RS0087 SSDI-RS0087_15 Datasheet
173Kb / 2P
SCHOTTKY RECTIFIER
More results

Similar Description - RS0087

ManufacturerPart #DatasheetDescription
logo
Central Semiconductor C...
CBR1-L010M CENTRAL-CBR1-L010M Datasheet
60Kb / 2P
SILICON BRIDGE RECTIFER
logo
Sirectifier Semiconduct...
MBR2X160-100 SIRECTIFIER-MBR2X160-100 Datasheet
88Kb / 1P
Power Schottky Rectifer - Non isolated
logo
STMicroelectronics
STPS61L60C STMICROELECTRONICS-STPS61L60C Datasheet
122Kb / 8P
Power Schottky rectifer
18-May-2009
logo
Solid States Devices, I...
SSR2008M SSDI-SSR2008M_1 Datasheet
97Kb / 2P
SCHOTTKY RECTIFER
logo
Microsemi Corporation
MSG110 MICROSEMI-MSG110 Datasheet
95Kb / 2P
1 Amp Schottky Rectifer
MSG140 MICROSEMI-MSG140_07 Datasheet
98Kb / 2P
1 Amp Schottky Rectifer
logo
Diodes Incorporated
SBR4U130LP-7 DIODES-SBR4U130LP-7 Datasheet
111Kb / 5P
SUPER BARRIER RECTIFER
Rev erse
logo
Solid States Devices, I...
RH0075 SSDI-RH0075 Datasheet
214Kb / 2P
RECTIFER
RS0091J SSDI-RS0091J Datasheet
97Kb / 2P
RECTIFER
logo
Semikron International
SK25DGDL12T4ETE2 SEMIKRON-SK25DGDL12T4ETE2 Datasheet
339Kb / 6P
3-phase bridge rectifer
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com