Electronic Components Datasheet Search
  English  ▼

X  

ADS7841ES/2K5 Datasheet(PDF) 3 Page - Texas Instruments

Part # ADS7841ES/2K5
Description  12-Bit, 4-Channel Serial Output Sampling ANALOG-TO-DIGITAL CONVERTER
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

ADS7841ES/2K5 Datasheet(HTML) 3 Page - Texas Instruments

  ADS7841ES/2K5 Datasheet HTML 1Page - Texas Instruments ADS7841ES/2K5 Datasheet HTML 2Page - Texas Instruments ADS7841ES/2K5 Datasheet HTML 3Page - Texas Instruments ADS7841ES/2K5 Datasheet HTML 4Page - Texas Instruments ADS7841ES/2K5 Datasheet HTML 5Page - Texas Instruments ADS7841ES/2K5 Datasheet HTML 6Page - Texas Instruments ADS7841ES/2K5 Datasheet HTML 7Page - Texas Instruments ADS7841ES/2K5 Datasheet HTML 8Page - Texas Instruments ADS7841ES/2K5 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 20 page
background image
ADS7841
3
SBAS084B
✻ Same specifications as ADS7841E, P.
NOTE: (1) LSB means Least Significant Bit. With VREF equal to +5.0V, one LSB is 1.22mV. (2) First five harmonics of the test frequency. (3) Auto power-down mode
(PD1 = PD0 = 0) active or SHDN = GND.
ELECTRICAL CHARACTERISTICS: +5V
At TA = TMIN to TMAX, +VCC = +5V, VREF = +5V, fSAMPLE = 200kHz, and fCLK = 16 • fSAMPLE = 3.2MHz, unless otherwise noted.
PARAMETER
CONDITIONS
MIN
TYP
MAX
MIN
TYP
MAX
MIN
TYP
MAX
UNITS
ANALOG INPUT
Full-Scale Input Span
Positive Input - Negative Input
0VREF
✻✻
✻
✻
V
Absolute Input Range
Positive Input
–0.2
+VCC +0.2
✻✻
✻
✻
V
Negative Input
–0.2
+1.25
✻✻
✻
✻
V
Capacitance
25
✻✻
pF
Leakage Current
200
200
200
nA
SYSTEM PERFORMANCE
Resolution
12
✻✻
Bits
No Missing Codes
12
12
11
Bits
Integral Linearity Error
±2
±1
2
LSB(1)
Differential Linearity Error
±0.8
±0.5
±1
±0.8
LSB
Offset Error
±3
✻✻
LSB
Offset Error Match
0.15
1.0
✻✻
✻✻
LSB
Gain Error
±4
±3
±4
LSB
Gain Error Match
0.1
1.0
✻✻
✻✻
LSB
Noise
30
✻✻
µVrms
Power-Supply Rejection
70
✻✻
dB
SAMPLING DYNAMICS
Conversion Time
12
✻✻
Clk Cycles
Acquisition Time
3
✻✻
Clk Cycles
Throughput Rate
200
✻✻
kHz
Multiplexer Settling Time
500
✻✻
ns
Aperture Delay
30
✻✻
ns
Aperture Jitter
100
✻✻
ps
DYNAMIC CHARACTERISTICS
Total Harmonic Distortion(2)
VIN = 5Vp-p at 10kHz
–78
–72
–80
–76
–78
–72
dB
Signal-to-(Noise + Distortion)
VIN = 5Vp-p at 10kHz
68
71
70
72
68
71
dB
Spurious-Free Dynamic Range VIN = 5Vp-p at 10kHz
72
79
76
81
72
79
dB
Channel-to-Channel Isolation
VIN = 5Vp-p at 50kHz
120
✻
120
dB
REFERENCE INPUT
Range
0.1
+VCC
✻✻
✻
✻
V
Resistance
DCLK Static
5
✻✻
G
Ω
Input Current
40
100
✻✻
✻✻
µA
fSAMPLE = 12.5kHz
2.5
✻✻
µA
DCLK Static
0.001
3
✻✻
✻✻
µA
DIGITAL INPUT/OUTPUT
Logic Family
CMOS
✻✻
Logic Levels
VIH
| IIH | ≤ +5µA
3.0
5.5
✻✻
✻
✻
V
VIL
| IIL | ≤ +5µA
–0.3
+0.8
✻✻
✻
✻
V
VOH
IOH = –250µA
3.5
✻✻
V
VOL
IOL = 250µA
0.4
✻✻
V
Data Format
Straight Binary
✻✻
PWR SUPPLY REQUIREMENTS
+VCC
Specified Performance
4.75
5.25
✻✻
✻
✻
V
Quiescent Current
550
900
✻✻
µA
fSAMPLE = 12.5kHz
300
✻✻
µA
Power-Down Mode(3), CS = +VCC
3
✻✻
µA
Power Dissipation
4.5
✻✻
mW
TEMPERATURE RANGE
Specified Performance
–40
+85
✻✻
✻
+125
°C
ADS7841E, P
ADS7841EB, PB
ADS7841ES



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com