Electronic Components Datasheet Search
  English  ▼

X  

ADS7841ES/2K5 Datasheet(PDF) 12 Page - Texas Instruments

Part # ADS7841ES/2K5
Description  12-Bit, 4-Channel Serial Output Sampling ANALOG-TO-DIGITAL CONVERTER
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

ADS7841ES/2K5 Datasheet(HTML) 12 Page - Texas Instruments

Back Button ADS7841ES/2K5 Datasheet HTML 8Page - Texas Instruments ADS7841ES/2K5 Datasheet HTML 9Page - Texas Instruments ADS7841ES/2K5 Datasheet HTML 10Page - Texas Instruments ADS7841ES/2K5 Datasheet HTML 11Page - Texas Instruments ADS7841ES/2K5 Datasheet HTML 12Page - Texas Instruments ADS7841ES/2K5 Datasheet HTML 13Page - Texas Instruments ADS7841ES/2K5 Datasheet HTML 14Page - Texas Instruments ADS7841ES/2K5 Datasheet HTML 15Page - Texas Instruments ADS7841ES/2K5 Datasheet HTML 16Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 20 page
background image
ADS7841
12
SBAS084B
Digital Timing
Figure 5 and Tables VI and VII provide detailed timing for
the digital interface of the ADS7841.
15-Clocks per Conversion
Figure 6 provides the fastest way to clock the ADS7841.
This method will not work with the serial interface of most
SYMBOL
DESCRIPTION
MIN
TYP
MAX
UNITS
tACQ
Acquisition Time
1.5
µs
tDS
DIN Valid Prior to DCLK Rising
100
ns
tDH
DIN Hold After DCLK HIGH
10
ns
tDO
DCLK Falling to DOUT Valid
200
ns
tDV
CS Falling to DOUT Enabled
200
ns
tTR
CS Rising to DOUT Disabled
200
ns
tCSS
CS Falling to First DCLK Rising
100
ns
tCSH
CS Rising to DCLK Ignored
0
ns
tCH
DCLK HIGH
200
ns
tCL
DCLK LOW
200
ns
tBD
DCLK Falling to BUSY Rising
200
ns
tBDV
CS Falling to BUSY Enabled
200
ns
tBTR
CS Rising to BUSY Disabled
200
ns
TABLE VI. Timing Specifications (+VCC = +2.7V to 3.6V,
TA = –40°C to +85°C, CLOAD = 50pF).
SYMBOL
DESCRIPTION
MIN
TYP
MAX
UNITS
tACQ
Acquisition Time
900
ns
tDS
DIN Valid Prior to DCLK Rising
50
ns
tDH
DIN Hold After DCLK HIGH
10
ns
tDO
DCLK Falling to DOUT Valid
100
ns
tDV
CS Falling to DOUT Enabled
70
ns
tTR
CS Rising to DOUT Disabled
70
ns
tCSS
CS Falling to First DCLK Rising
50
ns
tCSH
CS Rising to DCLK Ignored
0
ns
tCH
DCLK HIGH
150
ns
tCL
DCLK LOW
150
ns
tBD
DCLK Falling to BUSY Rising
100
ns
tBDV
CS Falling to BUSY Enabled
70
ns
tBTR
CS Rising to BUSY Disabled
70
ns
TABLE VII. Timing Specifications (+VCC = +4.75V to
+5.25V, TA = –40°C to +85°C, CLOAD = 50pF).
FIGURE 6. Maximum Conversion Rate, 15-Clocks per Conversion.
1
DCLK
CS
11
DOUT
BUSY
A2
S
DIN
A1 A0 MODE
SGL/
DIF PD1 PD0
10
98765
4
3210
11
10
98765
4
3
2
A1 A0
15
1
15
1
A2
SA1 A0 MODE
SGL/
DIF PD1 PD0
A2
S
FIGURE 5. Detailed Timing Diagram.
PD0
t
BDV
t
DH
t
CH
t
CL
t
DS
t
CSS
t
DV
t
BD
t
BD
t
TR
t
BTR
t
D0
t
CSH
DCLK
CS
11
DOUT
BUSY
DIN
10
microcontrollers and digital signal processors as they are
generally not capable of providing 15 clock cycles per serial
transfer. However, this method could be used with Field
Programmable Gate Arrays (FPGAs) or Application Spe-
cific Integrated Circuits (ASICs). Note that this effectively
increases the maximum conversion rate of the converter
beyond the values given in the specification tables, which
assume 16 clock cycles per conversion.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com