Electronic Components Datasheet Search
  English  ▼

X  

BC558 Datasheet(PDF) 5 Page - General Semiconductor

Part # BC558
Description  Small Signal Transistors (PNP)
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GE [General Semiconductor]
Direct Link  http://www.vishay.com
Logo GE - General Semiconductor

BC558 Datasheet(HTML) 5 Page - General Semiconductor

  BC558 Datasheet HTML 1Page - General Semiconductor BC558 Datasheet HTML 2Page - General Semiconductor BC558 Datasheet HTML 3Page - General Semiconductor BC558 Datasheet HTML 4Page - General Semiconductor BC558 Datasheet HTML 5Page - General Semiconductor BC558 Datasheet HTML 6Page - General Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
RATINGS AND CHARACTERISTIC CURVES BC556 THRU BC559
Relative h-parameters
versus collector current
10
1
10
1
-I
C
10 mA
BC556...BC559
10
2
6
4
2
6
4
2
6
4
2
-1
10
-1
24
24
h (-I = 2 mA)
e
C
h (-I )
e
C
h
ie
hoe
hre
h
fe
-V
= 5 V
CE
T
= 25
°C
amb



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com