Electronic Components Datasheet Search
  English  ▼

X  

BC558 Datasheet(PDF) 1 Page - General Semiconductor

Part # BC558
Description  Small Signal Transistors (PNP)
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GE [General Semiconductor]
Direct Link  http://www.vishay.com
Logo GE - General Semiconductor

BC558 Datasheet(HTML) 1 Page - General Semiconductor

  BC558 Datasheet HTML 1Page - General Semiconductor BC558 Datasheet HTML 2Page - General Semiconductor BC558 Datasheet HTML 3Page - General Semiconductor BC558 Datasheet HTML 4Page - General Semiconductor BC558 Datasheet HTML 5Page - General Semiconductor BC558 Datasheet HTML 6Page - General Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
FEATURES
MECHANICAL DATA
Case: TO-92 Plastic Package
Weight: approx. 0.18 g
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
Small Signal Transistors (PNP)
B
E
C
.181 (4.6)
.142 (3.6)
Dimensions in inches and (millimeters)
TO-92
Ratings at 25 °C ambient temperature unless otherwise specified
.098 (2.5)
max.
∅ .022 (0.55)
4/98
BC556 THRU BC559
Symbol
Value
Unit
Collector-Base Voltage
BC556
BC557
BC558, BC559
–VCBO
–VCBO
–VCBO
80
50
30
V
V
V
Collector-Emitter Voltage
BC556
BC557
BC558, BC559
–VCES
–VCES
–VCES
80
50
30
V
V
V
Collector-Emitter Voltage
BC556
BC557
BC558, BC559
–VCEO
–VCEO
–VCEO
65
45
30
V
V
V
Emitter-Base Voltage
–VEBO
5V
Collector Current
–IC
100
mA
Peak Collector Current
–ICM
200
mA
Peak Base Current
–IBM
200
mA
Peak Emitter Current
IEM
200
mA
Power Dissipation at Tamb = 25 °C
Ptot
5001)
mW
Junction Temperature
Tj
150
°C
Storage Temperature Range
TS
–65 to +150
°C
1) Valid provided that leads are kept at ambient temperature at a distance of 2 mm from case.
PNP Silicon Epitaxial Planar Transistors for
switching and AF amplifier applications.
These transistors are subdivided into
three groups A, B and C according to
their current gain. The type BC556 is avail-
able in groups A and B, however, the types
BC557 and BC558 can be supplied in all three
groups. The BC559 is a low-noise type available
in all three groups. As complementary types, the
NPN transistors BC546 … BC549 are recommended.
On special request, these transistors are also manufac-
tured in the pin configuration TO-18.
♦
♦
♦


Similar Part No. - BC558

ManufacturerPart #DatasheetDescription
logo
Semtech Corporation
BC558 SEMTECH-BC558 Datasheet
370Kb / 5P
PNP Silicon Epitaxial Planar Transistor for switching and AF applications???
logo
Siemens Semiconductor G...
BC558 SIEMENS-BC558 Datasheet
213Kb / 6P
PNP SILICON TRANSISTORS
logo
Boca Semiconductor Corp...
BC558 BOCA-BC558 Datasheet
58Kb / 3P
PNP SILICON PLANAR EPITAXIAL TRANSISTORS
logo
KEC(Korea Electronics)
BC558 KEC-BC558 Datasheet
279Kb / 3P
EPITAXIAL PLANAR PNP TRANSISTOR (GENERAL PURPOSE, SWITCHING)
logo
Micro Commercial Compon...
BC558 MCC-BC558 Datasheet
690Kb / 4P
PNP Silicon Amplifier Transistor 625mW
More results

Similar Description - BC558

ManufacturerPart #DatasheetDescription
logo
General Semiconductor
2N4403 GE-2N4403 Datasheet
98Kb / 3P
SMALL SIGNAL TRANSISTORS (PNP)
BC327 GE-BC327 Datasheet
243Kb / 5P
Small Signal Transistors (PNP)
MMBT3906 GE-MMBT3906 Datasheet
136Kb / 3P
SMALL SIGNAL TRANSISTORS (PNP)
MMBT4403 GE-MMBT4403 Datasheet
116Kb / 3P
SMALL SIGNAL TRANSISTORS (PNP)
MMBTA56 GE-MMBTA56 Datasheet
56Kb / 2P
Small Signal Transistors (PNP)
MPS2907A GE-MPS2907A Datasheet
39Kb / 3P
SMALL SIGNAL TRANSISTORS (PNP)
logo
Vishay Siliconix
BCW61 VISHAY-BCW61 Datasheet
40Kb / 3P
Small Signal Transistors (PNP)
09-May-02
logo
Micro Commercial Compon...
DMMT3906 MCC-DMMT3906_11 Datasheet
236Kb / 4P
PNP Small Signal Transistors
MMSTA92 MCC-MMSTA92_11 Datasheet
204Kb / 2P
PNP Small Signal Transistors
MMST2907A MCC-MMST2907A_11 Datasheet
193Kb / 2P
PNP Small Signal Transistors
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com