Electronic Components Datasheet Search
  English  ▼

X  

BC818 Datasheet(PDF) 1 Page - General Semiconductor

Part # BC818
Description  Small Signal Transistors (NPN)
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GE [General Semiconductor]
Direct Link  http://www.vishay.com
Logo GE - General Semiconductor

BC818 Datasheet(HTML) 1 Page - General Semiconductor

  BC818 Datasheet HTML 1Page - General Semiconductor BC818 Datasheet HTML 2Page - General Semiconductor BC818 Datasheet HTML 3Page - General Semiconductor BC818 Datasheet HTML 4Page - General Semiconductor BC818 Datasheet HTML 5Page - General Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
FEATURES
Small Signal Transistors (NPN)
Dimensions in inches and (millimeters)
.016 (0.4)
.037(0.95) .037(0.95)
.122 (3.1)
.016 (0.4)
.016 (0.4)
3
12
Top View
.102 (2.6)
.118 (3.0)
.094 (2.4)
Case: SOT-23 Plastic Package
Weight: approx. 0.008 g
MECHANICAL DATA
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
Ratings at 25 °C ambient temperature unless otherwise specified
Pin configuration
1 = Base, 2 = Emitter, 3 = Collector.
SOT-23
4/98
NPN Silicon Epitaxial Planar Transistors
for switching, AF driver and amplifier
applications.
Especially suited for automatic insertion
in thick- and thin-film circuits.
These transistors are subdivided into three groups -16,
-25 and -40 according to their current gain.
As complementary types, the PNP transistors BC807
and BC808 are recommended.
Symbol
Value
Unit
Collector-Emitter Voltage
BC817
BC818
VCES
VCES
50
30
V
V
Collector-Emitter Voltage
BC817
BC818
VCEO
VCEO
45
25
V
V
Emitter-Base Voltage
VEBO
5V
Collector Current
IC
800
mA
Peak Collector Current
ICM
1000
mA
Peak Base Current
IBM
200
mA
Peak Emitter Current
–IEM
1000
mA
Power Dissipation at TSB = 50 °C
Ptot
3101)
mW
Junction Temperature
Tj
150
°C
Storage Temperature Range
TS
– 65 to +150
°C
1) Device on fiberglass substrate, see layout
Marking code
Type
Marking
BC817-16
-25
-40
BC818-16
-25
-40
6A
6B
6C
6E
6F
6G
♦
♦
♦
BC817, BC818
♦


Similar Part No. - BC818

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
BC818 FAIRCHILD-BC818 Datasheet
31Kb / 2P
NPN EPITAXIAL SILICON TRANSISTOR
logo
AUK corp
BC818 AUK-BC818 Datasheet
80Kb / 3P
NPN Silicon Transistor (High current application Switching application)
logo
Infineon Technologies A...
BC818 INFINEON-BC818 Datasheet
47Kb / 5P
NPN Silicon AF Transistors
Nov-29-2001
logo
Diotec Semiconductor
BC818 DIOTEC-BC818 Datasheet
188Kb / 2P
Surface mount Si-Epitaxial PlanarTransistors
logo
Fairchild Semiconductor
BC818 FAIRCHILD-BC818 Datasheet
162Kb / 5P
NPN Epitaxial Silicon Transistor
More results

Similar Description - BC818

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
2N5320 STMICROELECTRONICS-2N5320 Datasheet
67Kb / 4P
SMALL SIGNAL NPN TRANSISTORS
Jun-1997
logo
General Semiconductor
2N3904 GE-2N3904 Datasheet
112Kb / 3P
SMALL SIGNAL TRANSISTORS NPN
2N4124 GE-2N4124 Datasheet
210Kb / 5P
Small Signal Transistors (NPN)
BC337 GE-BC337 Datasheet
224Kb / 5P
Small Signal Transistors (NPN)
BC546 GE-BC546 Datasheet
263Kb / 6P
Small Signal Transistors (NPN)
MMBTA06 GE-MMBTA06 Datasheet
56Kb / 2P
Small Signal Transistors (NPN)
logo
STMicroelectronics
BC847C STMICROELECTRONICS-BC847C Datasheet
57Kb / 4P
SMALL SIGNAL NPN TRANSISTORS
Jun-2002
logo
Micro Commercial Compon...
DMMT3904 MCC-DMMT3904 Datasheet
217Kb / 4P
NPN Small Signal Transistors
MMST3904 MCC-MMST3904 Datasheet
78Kb / 3P
NPN Small Signal Transistors
MMST5551 MCC-MMST5551_13 Datasheet
235Kb / 2P
NPN Small Signal Transistors
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com