Electronic Components Datasheet Search
  English  ▼

X  

BC818 Datasheet(PDF) 2 Page - General Semiconductor

Part # BC818
Description  Small Signal Transistors (NPN)
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GE [General Semiconductor]
Direct Link  http://www.vishay.com
Logo GE - General Semiconductor

BC818 Datasheet(HTML) 2 Page - General Semiconductor

  BC818 Datasheet HTML 1Page - General Semiconductor BC818 Datasheet HTML 2Page - General Semiconductor BC818 Datasheet HTML 3Page - General Semiconductor BC818 Datasheet HTML 4Page - General Semiconductor BC818 Datasheet HTML 5Page - General Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
ELECTRICAL CHARACTERISTICS
Ratings at 25 °C ambient temperature unless otherwise specified
Symbol
Min.
Typ.
Max.
Unit
DC Current Gain
at VCE = 1 V, IC = 100 mA
Current Gain Group-16
-25
-40
at VCE = 1 V, IC = 300 mA
-16
-25
-40
hFE
hFE
hFE
hFE
hFE
hFE
100
160
250
60
100
170
–
–
–
–
–
–
250
400
600
–
–
–
–
–
–
–
–
–
Thermal Resistance Junction Substrate
Backside
RthSB
–
–
3201)
K/W
Thermal Resistance Junction to Ambient Air
RthJA
–
–
4501)
K/W
Collector Saturation Voltage
at IC = 500 mA, IB = 50 mA
VCEsat
––0.7
V
Base-Emitter Voltage
at VCE = 1 V, IC = 300 mA
VBE
––1.2
V
Collector-Emitter Cutoff Current
at VCE = 45 V
BC817
at VCE = 25 V
BC818
at VCE = 25 V, Tj = 150 °C
ICES
ICES
ICES
–
–
–
–
–
–
100
100
5
nA
nA
µA
Emitter-Base Cutoff Current
at VEB = 4 V
IEBO
–
–
100
nA
Gain-Bandwidth Product
at VCE = 5 V, IC = 10 mA, f = 50 MHz
fT
–
100
–
MHz
Collector-Base Capacitance
at VCB = 10 V, f = 1 MHz
CCBO
–12
pF
1) Device on fiberglass substrate, see layout
Layout for RthJA test
Thickness: Fiberglass 0.059 in (1.5 mm)
Copper leads 0.012 in (0.3 mm)
.59 (15)
0.2 (5)
.03 (0.8)
.30 (7.5)
.12 (3)
.04 (1)
.06 (1.5)
.20 (5.1)
.08 (2)
.08 (2)
.04 (1)
BC817 THRU BC818
Dimensions in inches (millimeters)
.47 (12)



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com