Electronic Components Datasheet Search
  English  ▼

X  

SH0049C Datasheet(PDF) 2 Page - Solid States Devices, Inc

Part # SH0049C
Description  Centertap Rectifier
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SSDI [Solid States Devices, Inc]
Direct Link  http://www.ssdi-power.com
Logo SSDI - Solid States Devices, Inc

SH0049C Datasheet(HTML) 2 Page - Solid States Devices, Inc

  SH0049C Datasheet HTML 1Page - Solid States Devices, Inc SH0049C Datasheet HTML 2Page - Solid States Devices, Inc  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
NOTE: All specifications are subject to change without notification.
SCD's for these devices should be reviewed by SSDI prior to release.
DATA SHEET #: SH0049C
DOC
ELECTRICAL CHARACTERISTICS (per leg)3/
Symbol
Min
Typ
Max
Units
Instantaneous Forward Voltage Drop
(TA=25ºC, 300 - 500 sec pulse)
IF = 5.0 A
IF = 10 A
IF = 20 A
VF1
VF2
VF3
––
––
––
1.25
1.65
2.10
1.4
1.75
2.50
VDC
Instantaneous Forward Voltage Drop
(300 - 500
sec pulse)
TA= -55ºC, IF = 10 A
TA= 150 ºC, IF = 10 A
VF4
VF5
––
––
1.46
2.60
1.50
2.80
VDC
Reverse Leakage Current
(Rated VR, TA = 25ºC, 300 sec pulse minimum)
IR1
––
40
500
A
Reverse Leakage Current
(Rated VR, TA = 150ºC, 300 sec pulse minimum)
IR2
––
200
2000
A
Junction Capacitance
(VR = 10V, f = 1MHz, TA = 25
oC)
CJ
––
550
650
pF
CASE OUTLINE: SMD1 (S1)
Available Part Numbers:
SSR20C080CTS1, SSR20C100CTS1, SSR20C120CTS1
PIN ASSIGNMENT
Package
Pin 1
Pin 2
Pin 3 (Tab)
SMD1 (S)
Anode 1
Anode 2
Cathode
Solid State Devices, Inc.
14701 Firestone Blvd * La Mirada, Ca 90638
Phone: (562) 404-4474 * Fax: (562) 404-1773
ssdi@ssdi-power.com * www.ssdi-power.com
SSR20C120CTS1



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com