Electronic Components Datasheet Search
  English  ▼

X  

SH0049C Datasheet(PDF) 1 Page - Solid States Devices, Inc

Part # SH0049C
Description  Centertap Rectifier
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SSDI [Solid States Devices, Inc]
Direct Link  http://www.ssdi-power.com
Logo SSDI - Solid States Devices, Inc

SH0049C Datasheet(HTML) 1 Page - Solid States Devices, Inc

  SH0049C Datasheet HTML 1Page - Solid States Devices, Inc SH0049C Datasheet HTML 2Page - Solid States Devices, Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
NOTE: All specifications are subject to change without notification.
SCD's for these devices should be reviewed by SSDI prior to release.
DATA SHEET #: SH0049C
DOC
Solid State Devices, Inc.
14701 Firestone Blvd * La Mirada, Ca 90638
Phone: (562) 404-4474 * Fax: (562) 404-1773
ssdi@ssdi-power.com * www.ssdi-power.com
Designer’s Data Sheet
Part Number / Ordering Information 1/
SSR20C __ __ __ __
│
│
│
│
│
│
│
│
│
│
│
│
└ Screening 2/
__ = Not Screened
TX = TX Level
TXV = TXV
S = S Level
│
│
│
│
└ Package
S1 = SMD1
│
│
└ Configuration
CT = Centertap
└ Voltage
080 = 800 V
100 = 1000 V
120 = 1200 V
SSR20C120CTS1
20 A / 1200 V
Schottky Silicon Carbide
Centertap Rectifier
FEATURES:
 1200 Volt Silicon Carbide Schottky Rectifier
 Average Output Current 20 Amps
 No Reverse Recovery
 No Forward Recovery
 No Switching Time Change Over
Temperature
 Small Package Size
 SMD1: 5.3 gr (typ)
 TX, TXV, and Space Level Screening
Available. Consult Factory.
MAXIMUM RATINGS3/
Symbol
Value
Units
Peak Repetitive and Peak Reverse Voltage
SSR20C080CT
SSR20C100CT
SSR20C120CT
VRRM
VR
800
1000
1200
Volts
Average Rectified Forward Current
(Resistive Load, 60 Hz, Sine Wave)
Per Leg
Total
IO
10
20
Amps
Peak Surge Current
(8.3 ms Pulse, Half Sine Wave, TA = 25
oC, per leg)
IFSM
50
Amps
Operating & Storage Temperature
TOP & Tstg
-55 to +250
oC
Junction Temperature
TJ
-55 to +250
oC
Maximum Thermal Resistance
(Junction to Case)
RJC
1.0
oC/W
NOTES:
SMD1 (S)
*Pulse Test: Pulse Width = 300
sec, Duty Cycle = 2%
1/ For ordering information, price, and availability - contact factory.
2/ Screening based on MIL-PRF-19500. Screening flows available on request.
3/ Unless otherwise specified, all electrical characteristics @25ºC


Similar Part No. - SH0049C

ManufacturerPart #DatasheetDescription
logo
Solid States Devices, I...
SH0049C SSDI-SH0049C_15 Datasheet
85Kb / 2P
Schottky Silicon Carbide Centertap Rectifier
More results

Similar Description - SH0049C

ManufacturerPart #DatasheetDescription
logo
Solid States Devices, I...
RA0024 SSDI-RA0024 Datasheet
81Kb / 2P
CENTERTAP RECTIFIER
RC0068 SSDI-RC0068 Datasheet
100Kb / 2P
CENTERTAP RECTIFIER
RU0087D SSDI-RU0087D Datasheet
81Kb / 2P
Centertap Rectifier
RU0089F SSDI-RU0089F Datasheet
135Kb / 3P
CENTERTAP RECTIFIER
SH0029E SSDI-SH0029E Datasheet
106Kb / 2P
Centertap Rectifier
SH0082A SSDI-SH0082A Datasheet
146Kb / 3P
CENTERTAP RECTIFIER
RA0025 SSDI-RA0025_15 Datasheet
82Kb / 2P
CENTERTAP RECTIFIER
RA0050C SSDI-RA0050C_15 Datasheet
113Kb / 2P
CENTERTAP RECTIFIER
RC0027F SSDI-RC0027F_15 Datasheet
118Kb / 2P
CENTERTAP RECTIFIER
RH0145 SSDI-RH0145_15 Datasheet
229Kb / 2P
CENTERTAP RECTIFIER
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com