Electronic Components Datasheet Search
  English  ▼

X  

SH0071A Datasheet(PDF) 2 Page - Solid States Devices, Inc

Part # SH0071A
Description  CENTERTAP SCHOTTKY RECTIFIER
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SSDI [Solid States Devices, Inc]
Direct Link  http://www.ssdi-power.com
Logo SSDI - Solid States Devices, Inc

SH0071A Datasheet(HTML) 2 Page - Solid States Devices, Inc

  SH0071A Datasheet HTML 1Page - Solid States Devices, Inc SH0071A Datasheet HTML 2Page - Solid States Devices, Inc  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
NOTE: All specifications are subject to change without notification.
SCD's for these devices should be reviewed by SSDI prior to release.
DATA SHEET #: SH0071A
DOC
ELECTRICAL CHARACTERISTICS (per leg)3/
Symbol
Min
Typ
Max
Units
Instantaneous Forward Voltage Drop
(TA=25ºC, 300sec pulse)
IF = 1 A
IF = 3 A
IF = 5 A
IF = 10 A
VF1
VF2
VF3
VF4
-
0.64
0.75
0.81
0.91
0.7
-
0.9
1.0
VDC
Instantaneous Forward Voltage Drop
(TA=-55ºC, 300sec pulse)
IF = 1 A
IF = 3 A
IF = 5 A
IF = 10 A
VF5
VF6
VF7
VF8
-
0.68
0.84
0.91
1.05
0.75
-
1.0
1.15
VDC
Instantaneous Forward Voltage Drop
(TA=125ºC, 300sec pulse)
IF = 1 A
IF = 3 A
IF = 5 A
IF = 10 A
VF9
VF10
VF11
VF12
-
0.48
0.59
0.65
0.76
0.55
-
0.75
0.86
VDC
Reverse Leakage Current
(Rated VR, TA = 25ºC, 300sec pulse minimum)
IR1
-
0.4
10
A
Reverse Leakage Current
(Rated VR, TA = 100ºC, 300sec pulse minimum)
IR2
-
0.5
-
mA
Reverse Leakage Current
(Rated VR, TA = 125ºC, 300sec pulse minimum)
IR3
-
0.8
5
mA
Junction Capacitance
(f = 1MHz, TA = 25ºC)
VR = 5V
VR = 10V
CJ
-
185
135
-
175
pF
Package Outline:
CERPACK
PIN OUT:
PIN 1: ANODE 1
PIN 2: ANODE 2
TAB: CATHODE
Note: For optimal
performance, connect
anode terminals
together.
Bottom View
Package Outline:
SMD.5
PIN OUT:
PIN 1: CATHODE
PIN 2: ANODE 1
PIN 3: ANODE 2
Note: For optimal
performance, connect
anode terminals
together.
Solid State Devices, Inc.
14701 Firestone Blvd * La Mirada, CA 90638
Phone: (562) 404-4474 * Fax: (562) 404-1773
ssdi@ssdi-power.com * www.ssdi-power.com
SSR20150CTG thru SSR20200CTG
and
SSR20150CTS.5 thru SSR20200CTS.5



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com