Electronic Components Datasheet Search
  English  ▼

X  

SH0071A Datasheet(PDF) 1 Page - Solid States Devices, Inc

Part # SH0071A
Description  CENTERTAP SCHOTTKY RECTIFIER
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SSDI [Solid States Devices, Inc]
Direct Link  http://www.ssdi-power.com
Logo SSDI - Solid States Devices, Inc

SH0071A Datasheet(HTML) 1 Page - Solid States Devices, Inc

  SH0071A Datasheet HTML 1Page - Solid States Devices, Inc SH0071A Datasheet HTML 2Page - Solid States Devices, Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
NOTE: All specifications are subject to change without notification.
SCD's for these devices should be reviewed by SSDI prior to release.
DATA SHEET #: SH0071A
DOC
Solid State Devices, Inc.
14701 Firestone Blvd * La Mirada, CA 90638
Phone: (562) 404-4474 * Fax: (562) 404-1773
ssdi@ssdi-power.com * www.ssdi-power.com
Designer’s Data Sheet
Part Number / Ordering Information1/
SSR20 __ __ __ __
│
│
│
│
│
│
│
│
│
│
│
│
│
│
│
└ Screening2/
__ = Not Screened
TX = TX Level
TXV = TXV Level
S = S Level
│
│
│
│
│
│
│
│
└ Package
G = Cerpack
S.5 = SMD.5
│
│
└ Configuration
CT = Centertap
└ Voltage
150 = 150 V
200 = 200 V
SSR20150CTG thru SSR20200CTG
and
SSR20150CTS.5 thru SSR20200CTS.5
20 AMP
HERMETIC SURFACE MOUNT
CENTERTAP SCHOTTKY RECTIFIER
150 - 200 VOLTS
FEATURES:
 Extremely small footprint
 Extremely low forward voltage drop
 Low reverse leakage
 Hermetically sealed surface mount package
 Guard ring for overvoltage protection
 175ºC operating junction temperature
 TX, TXV, and S level screening available -
consult factory
MAXIMUM RATINGS3/
Symbol
Value
Units
Peak Repetitive Reverse and
DC Blocking Voltage
SSR20150CT
SSR20200CT
VRRM
VRWM
VR
150
200
Volts
Average Rectified Forward Current
(Resistive load, 60 Hz, sine wave, TA = 25ºC, per leg)
IO
10
Amps
Peak Surge Current
(8.3 ms pulse, half sine wave superimposed on IO, allow junction to reach
equilibrium between pulses, TA = 25ºC; per leg)
IFSM
100
Amps
Operating & Storage Temperature
TOP & Tstg
-65 to +175
oC
Maximum Thermal Resistance
(Junction to Case, per leg)
Cerpack
SMD.5
RθJC
2
oC/W
NOTES:
CERPACK (G)
SMD.5 (S.5)
1/ For ordering information, price, and availability - contact factory.
2/ Screening based on MIL-PRF-19500. Screening flows available on
request.
3/ Unless otherwise specified, all electrical characteristics @25ºC.
(dime used for size reference)


Similar Part No. - SH0071A

ManufacturerPart #DatasheetDescription
logo
Solid States Devices, I...
SH0071A SSDI-SH0071A_15 Datasheet
120Kb / 2P
HERMETIC SURFACE MOUNT CENTERTAP SCHOTTKY RECTIFIER
More results

Similar Description - SH0071A

ManufacturerPart #DatasheetDescription
logo
Solid States Devices, I...
SSR1505CTG SSDI-SSR1505CTG Datasheet
93Kb / 2P
CENTERTAP SCHOTTKY RECTIFIER
SSR1505CTM SSDI-SSR1505CTM Datasheet
101Kb / 2P
CENTERTAP SCHOTTKY RECTIFIER
RS0027D SSDI-RS0027D Datasheet
128Kb / 2P
SCHOTTKY CENTERTAP RECTIFIER
RS0029 SSDI-RS0029 Datasheet
179Kb / 2P
CENTERTAP SCHOTTKY RECTIFIER
RS0065 SSDI-RS0065 Datasheet
105Kb / 2P
SCHOTTKY CENTERTAP RECTIFIER
SH0066B SSDI-SH0066B Datasheet
149Kb / 2P
SCHOTTKY CENTERTAP RECTIFIER
SH0072A SSDI-SH0072A Datasheet
107Kb / 2P
CENTERTAP SCHOTTKY RECTIFIER
SH0076A SSDI-SH0076A Datasheet
111Kb / 2P
CENTERTAP SCHOTTKY RECTIFIER
SH0055A SSDI-SH0055A_15 Datasheet
101Kb / 2P
CENTERTAP SCHOTTKY RECTIFIER
SH0066B SSDI-SH0066B_15 Datasheet
149Kb / 2P
SCHOTTKY CENTERTAP RECTIFIER
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com