Electronic Components Datasheet Search
  English  ▼

X  

TR0003 Datasheet(PDF) 2 Page - Solid States Devices, Inc

Part # TR0003
Description  NPN TRANSISTOR
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SSDI [Solid States Devices, Inc]
Direct Link  http://www.ssdi-power.com
Logo SSDI - Solid States Devices, Inc

TR0003 Datasheet(HTML) 2 Page - Solid States Devices, Inc

  TR0003 Datasheet HTML 1Page - Solid States Devices, Inc TR0003 Datasheet HTML 2Page - Solid States Devices, Inc  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
SOLID STATE DEVICES, INC.
SFT8600/4
PRELIMINARY
MIN
MAX
ELECTRICAL CHARACTERISTICS
SYMBOL
UNITS
:A
Emitter Cutoff Current
(VEB = 4VDC)
-
IEBO
1
DC Current Gain *
(IC = 5mADC , VCE = 5VDC)
(IC = 10mADC , VCE = 5VDC)
(IC = 100mADC , VCE = 5VDC)
(IC = 250mADC , VCE = 5VDC)
30
40
20
15
:A
Collector Cutoff Current
(VCE = 400VDC)
-
ICEO
10
0.3
0.5
Collector-Emitter Saturation Voltage *
(IC = 20mADC , IB = 2mADC)
(IC = 100mADC , IB = 10mADC)
VDC
Base-Emitter Saturation Voltage *
(IC = 20mADC , IB= 2mADC)
(IC = 100mADC , IB= 10mADC)
200
Current Gain Bandwidth Product
(IC = 100mADC , VCE = 10VDC, f = 10MHz)
8
-
MHz
fT
15
pf
Output Capacitance
(VCB= 20VDC , IE = 0ADC, f = 1.0MHz)
-
Cob
VDC
(VCC = 125VDC,
IC = 100mADC ,
IB1 = 20mADC ,
IB2 = 40mADC)
nsec
nsec
:sec
nsec
td
tr
ts
tf
-
50
150
3
800
*Pulse Test: Pulse Width = 300
:s, Duty Cycle = 2%
0.8
1.0
Delay Time
Rise Time
Storage Time
Fall Time
CASE OUTLINE: CLCC-4
PIN 1: COLLECTOR
PIN 2: EMITTER
PIN 3: BASE
PIN 4: N/C
hFE
VBE (SET)
VCE(SAT)
-
14005 Stage Road * Santa Fe Springs, Ca 90670
Phone: (562) 404-4474 * Fax: (562) 404-1773



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com