Electronic Components Datasheet Search
  English  ▼

X  

TR0003 Datasheet(PDF) 1 Page - Solid States Devices, Inc

Part # TR0003
Description  NPN TRANSISTOR
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SSDI [Solid States Devices, Inc]
Direct Link  http://www.ssdi-power.com
Logo SSDI - Solid States Devices, Inc

TR0003 Datasheet(HTML) 1 Page - Solid States Devices, Inc

  TR0003 Datasheet HTML 1Page - Solid States Devices, Inc TR0003 Datasheet HTML 2Page - Solid States Devices, Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
PRELIMINARY
SOLID STATE DEVICES, INC.
SFT8600/4
FEATURES:
DATA SHEET #: TR0003B
MAXIMUM RATINGS
SYMBOL
UNITS
VALUE
VEBO
6
Volts
Emitter-Base Voltage
VCBO
1000
Volts
Collector-Base Voltage
IC
1
Collector Current
Amps
Volts
CLCC-4
Operating and Storage Temperature
IB
100
Base Current
mA
DESIGNER'S DATA SHEET
Collector-Emitter Voltage
( RBE = 1kS)
400
1000
Total Device Dissipation @ TC = 25oC
@ TA = 25oC
Derate above @ TC = 25oC
1.0
0.4
5.7
Thermal Resistance,
Junction to Case
Junction to Ambient
1 AMP
1000 VOLTS
NPN TRANSISTOR
VCEO
VCER
W
W
mW/oC
o
C
TJ, TSTJ
ELECTRICALCHARACTERISTICS
SYMBOL
UNITS
MIN
MAX
400
1000
BVCEO
BVCER
Collector-Emitter Breakdown Voltage
(IC = 10mAdc)
(IC = 20:Adc, RBE = 1kS)
V
1000
-
Collector-Base Breakdown Voltage
(IC = 20:Adc)
V
6-
BVEBO
Emitter-Base Breakdown Voltage
(IE = 20:Adc)
:A
-1 0
ICBO
Collector Cutoff Current
(VCB = 800Vdc)
BVCBO
V
-
o
C/W
-65 to +200
• BVCER to 1000 volts
• Very Low Saturation Voltage
• Very Low Leakage
• High Gain from 20 mA to 250mA
• Gold Eutectic Die Attach
• Superior Performance over JEDEC 2N5010-15 Series
• High Speed Switching tf = 0.4:s TYP
14005 Stage Road * Santa Fe Springs, Ca 90670
Phone: (562) 404-4474 * Fax: (562) 404-1773
PD
R2JC
175
440
NOTE: All specifications are subject to change without notification.
SCD's for these devices should be reviewed by SSDI prior to release.


Similar Part No. - TR0003

ManufacturerPart #DatasheetDescription
logo
TAI-SAW TECHNOLOGY CO.,...
TR0003A TAI-SAW-TR0003A Datasheet
310Kb / 7P
Dielectric Filter 3500MHz SMD 3.6x4.4 mm (BW=200 MHz)
logo
Solid States Devices, I...
TR0003 SSDI-TR0003_15 Datasheet
57Kb / 2P
NPN TRANSISTOR
More results

Similar Description - TR0003

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
DTC114T UTC-DTC114T Datasheet
194Kb / 3P
NPN DIGITAL TRANSISTOR NPN DIGITAL TRANSISTOR
logo
Shenzhen Jin Yu Semicon...
2SC4944 HTSEMI-2SC4944 Datasheet
850Kb / 1P
DUAL TRANSISTOR (NPN NPN)
logo
Jiangsu Changjiang Elec...
BC847BV JIANGSU-BC847BV Datasheet
3Mb / 3P
DUAL TRANSISTOR(NPN NPN)
EMX18 JIANGSU-EMX18 Datasheet
776Kb / 3P
DUAL TRANSISTOR(NPNNPN)
EMX1 JIANGSU-EMX1 Datasheet
3Mb / 4P
DUAL TRANSISTOR(NPNNPN)
IMX2 JIANGSU-IMX2 Datasheet
5Mb / 4P
DUAL TRANSISTOR (NPNNPN)
MMDT3904 JIANGSU-MMDT3904 Datasheet
1Mb / 4P
DUAL TRANSISTOR (NPNNPN)
UMX2N JIANGSU-UMX2N Datasheet
1Mb / 3P
DUAL TRANSISTOR (NPNNPN)
UMX3N JIANGSU-UMX3N Datasheet
3Mb / 4P
DUAL TRANSISTOR (NPNNPN)
logo
Rectron Semiconductor
MMDT3904 RECTRON-MMDT3904 Datasheet
263Kb / 5P
DUAL TRANSISTOR (NPNNPN)
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com