Electronic Components Datasheet Search
  English  ▼

X  

LMH6612MA/NOPB Datasheet(PDF) 2 Page - Texas Instruments

Click here to check the latest version.
Part # LMH6612MA/NOPB
Description  Single Supply 345 MHz Rail-to-Rail Output Amplifiers
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LMH6612MA/NOPB Datasheet(HTML) 2 Page - Texas Instruments

  LMH6612MA/NOPB Datasheet HTML 1Page - Texas Instruments LMH6612MA/NOPB Datasheet HTML 2Page - Texas Instruments LMH6612MA/NOPB Datasheet HTML 3Page - Texas Instruments LMH6612MA/NOPB Datasheet HTML 4Page - Texas Instruments LMH6612MA/NOPB Datasheet HTML 5Page - Texas Instruments LMH6612MA/NOPB Datasheet HTML 6Page - Texas Instruments LMH6612MA/NOPB Datasheet HTML 7Page - Texas Instruments LMH6612MA/NOPB Datasheet HTML 8Page - Texas Instruments LMH6612MA/NOPB Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 42 page
background image
LMH6611
ADC121S101
0.1 PF
10 PF
0.1 PF
10 PF
0.1 PF
V
+
0.01 PF
R6
14.3 k:
0.1 PF
1 PF
GND
5V
R5
1.24 k:
C2
1 nF
C5
150 pF
R2
549:
V
+
-
+
RL
22:
CL
390 pF
R1
549:
IN
1 PF
V
+
R7
14.3 k:
5.6 PF
U1
LMH6611, LMH6612
SNOSB00K – NOVEMBER 2007 – REVISED OCTOBER 2013
www.ti.com
DESCRIPTION (CONTINUED)
The amplifiers will operate on a 2.7V to 11V single supply or ±1.35V to ±5.5V split supply. The LMH6611 single
is available in 6-Pin SOT and has an independent active low disable pin which reduces the supply current to 120
µA. The LMH6612 is available in 8-Pin SOIC. Both the LMH6611 and LMH6612 are available in
−40°C to
+125°C extended industrial temperature grade.
Typical Application
These devices have limited built-in ESD protection. The leads should be shorted together or the device placed in conductive foam
during storage or handling to prevent electrostatic damage to the MOS gates.
Absolute Maximum Ratings
(1) (2)
For input pins only
2000V
Human Body Model
For all other pins
2000V
ESD Tolerance(3)
Machine Model
200V
Charge Device Model
1000V
Supply Voltage (VS = V
+ – V−)
12V
Junction Temperature(4)
150°C max
(1)
Absolute Maximum Ratings indicate limits beyond which damage to the device may occur. Operating Ratings indicate conditions for
which the device is intended to be functional, but specific performance is not ensured. For ensured specifications and the test
conditions, see the Electrical Characteristics.
(2)
If Military/Aerospace specified devices are required, please contact the Texas Instruments Sales Office/ Distributors for availability and
specifications.
(3)
Human Body Model, applicable std. MIL-STD-883, Method 3015.7. Machine Model, applicable std. JESD22-A115-A (ESD MM std. of
JEDEC)Field-Induced Charge-Device Model, applicable std. JESD22-C101-C (ESD FICDM std. of JEDEC).
(4)
The maximum power dissipation is a function of TJ(MAX), θJA. The maximum allowable power dissipation at any ambient temperature is
PD = (TJ(MAX)) – TA)/ θJA. All numbers apply for packages soldered directly onto a PC Board.
Operating Ratings
(1)
Supply Voltage (VS = V
+ – V−)
2.7V to 11V
Ambient Temperature Range(2)
−40°C to +125°C
6-Pin SOT
231°C/W
Package Thermal Resistance (
θJA)
8-Pin SOIC
160°C/W
(1)
Absolute Maximum Ratings indicate limits beyond which damage to the device may occur. Operating Ratings indicate conditions for
which the device is intended to be functional, but specific performance is not ensured. For ensured specifications and the test
conditions, see the Electrical Characteristics.
(2)
The maximum power dissipation is a function of TJ(MAX), θJA. The maximum allowable power dissipation at any ambient temperature is
PD = (TJ(MAX)) – TA)/ θJA. All numbers apply for packages soldered directly onto a PC Board.
2
Submit Documentation Feedback
Copyright © 2007–2013, Texas Instruments Incorporated
Product Folder Links: LMH6611 LMH6612



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com